Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S52-24AI Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT89S52-24AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52-24AI Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT89S52-24AI Datasheet HTML 24Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 25Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 26Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 27Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 28Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 29Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 30Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 31Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
28
1919C–MICRO–3/05
AT89S52
25. Serial Programming Characteristics
Figure 25-1. Serial Programming Timing
MOSI
MISO
SCK
t
OVSH
t
SHSL
t
SLSH
t
SHOX
t
SLIV
Table 25-1.
Serial Programming Characteristics, T
A = -40°C to 85°C, VCC = 4.0 - 5.5V (Unless Otherwise Noted)
Symbol
Parameter
Min
Typ
Max
Units
1/tCLCL
Oscillator Frequency
3
33
MHz
tCLCL
Oscillator Period
30
ns
tSHSL
SCK Pulse Width High
8 tCLCL
ns
tSLSH
SCK Pulse Width Low
8 t
CLCL
ns
tOVSH
MOSI Setup to SCK High
tCLCL
ns
tSHOX
MOSI Hold after SCK High
2 tCLCL
ns
tSLIV
SCK Low to MISO Valid
10
16
32
ns
tERASE
Chip Erase Instruction Cycle Time
500
ms
tSWC
Serial Byte Write Cycle Time
64 tCLCL + 400
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com