Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26519G Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS26519G
Description  16-Port T1/E1/J1 Transceiver
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26519G Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS26519G Datasheet HTML 1Page - Maxim Integrated Products DS26519G Datasheet HTML 2Page - Maxim Integrated Products DS26519G Datasheet HTML 3Page - Maxim Integrated Products DS26519G Datasheet HTML 4Page - Maxim Integrated Products DS26519G Datasheet HTML 5Page - Maxim Integrated Products DS26519G Datasheet HTML 6Page - Maxim Integrated Products DS26519G Datasheet HTML 7Page - Maxim Integrated Products DS26519G Datasheet HTML 8Page - Maxim Integrated Products DS26519G Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 310 page
background image
1 of 310
REV: 040907
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS26519 is a single-chip 16-port framer and line
interface unit (LIU) combination for T1, E1, and J1
applications. Each port is independently configurable,
supporting both long-haul and short-haul lines. The
DS26519 is nearly software compatible with the
DS26528 and its derivatives.
APPLICATIONS
Routers
Channel Service Units (CSUs)
Data Service Units (DSUs)
Muxes
Switches
Channel Banks
T1/E1 Test Equipment
FUNCTIONAL DIAGRAM
DS26519
T1/J1/E1
Transceiver
T1/E1/J1
NETWORK
BACKPLANE
TDM
x16
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS26519G
0
°C to +70°C
484 HSBGA
DS26519G+
0
°C to +70°C
484 HSBGA
DS26519GN
-40
°C to +85°C
484 HSBGA
DS26519GN+
-40
°C to +85°C
484 HSBGA
+ Denotes lead-free/RoHS compliant device.
FEATURES
16 Complete T1, E1, or J1 Long-Haul/
Short-Haul Transceivers (LIU Plus Framer)
Independent T1, E1, or J1 Selections for Each
Transceiver
Software-Selectable Transmit- and Receive-
Side Termination for 100
Ω T1 Twisted Pair,
110
Ω J1 Twisted Pair, 120Ω E1 Twisted Pair,
and 75
Ω E1 Coaxial Applications
Hitless Protection Switching
Crystal-Less Jitter Attenuators Can Be
Selected for Transmit or Receive Path; Jitter
Attenuator Meets ETS CTR 12/13, ITU-T
G.736, G.742, G.823, and AT&T Pub 62411
External Master Clock Can Be Multiple of
2.048MHz or 1.544MHz for T1/J1 or E1
Operation; This Clock is Internally Adapted
for T1 or E1 Usage in the Host Mode
Receive-Signal Level Indication from -2.5dB
to -36dB in T1 Mode and -2.5dB to -44dB in E1
Mode in Approximate 2.5dB Increments
Transmit Open- and Short-Circuit Detection
LIU LOS in Accordance with G.775, ETS 300
233, and T1.231
Transmit Synchronizer
Flexible Signaling Extraction and Insertion
Using Either the System Interface or
Microprocessor Port
Alarm Detection and Insertion
T1 Framing Formats of D4, SLC-96, and ESF
J1 Support
E1 G.704 and CRC-4 Multiframe
T1-to-E1 Conversion
Features Continued in Section 2.
DS26519
16-Port T1/E1/J1 Transceiver
www.maxim-ic.com


Similar Part No. - DS26519G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26519DK MAXIM-DS26519DK Datasheet
2Mb / 42P
16-Port T1/E1/J1 Transceiver Demo Kit
REV: 032607
More results

Similar Description - DS26519G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
Octal T1/E1/J1 Transceiver
REV: 012405
DS26522 MAXIM-DS26522 Datasheet
1Mb / 258P
Dual T1/E1/J1 Transceiver
REV: 102106
DS26524 MAXIM-DS26524 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 102106
logo
Intel Corporation
LXT386 INTEL-LXT386 Datasheet
530Kb / 78P
QUAD T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 112907
DS26514 MAXIM-DS26514 Datasheet
1Mb / 305P
4-Port T1/E1/J1 Transceiver
Rev: 101608
DS26518 MAXIM-DS26518 Datasheet
2Mb / 312P
8-Port T1/E1/J1 Transceiver
Rev: 103008
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
Single T1/E1/J1 Transceiver
REV: 111606
DS26519DK MAXIM-DS26519DK Datasheet
2Mb / 42P
16-Port T1/E1/J1 Transceiver Demo Kit
REV: 032607
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com