Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM5706 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM5706
Description  10/100/1000BASE-T TCP OFFLOAD ENGINE, RDMA, ISCSI/ISER AND ETHERNET CONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5706 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM5706 Datasheet HTML 1Page - Broadcom Corporation. BCM5706 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O V ERVI EW
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2004 by BROADCOM CORPORATION. All rights reserved.
5706-PB04-R
03/31/04
Broadcom®, the pulse logo, and Connecting everything® are trademarks of Broadcom Corporation and/
or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the
property of their respective owners.
The BCM5706 provides a fully integrated Layer 4 and Layer 5 solution
- TCP/IP, RDMA and iSCSI 1.0/iSER along with a complete 10/100/
1000BASE-T Gigabit Ethernet, IEEE 802.3 compliant Media Access
Control (MAC) and Physical Layer Transceiver solution for high
performance network applications. By itself the BCM5706 provides a
complete single-chip Gigabit Ethernet NIC with a TCP/IP Offload
Engine, RDMA NIC (RNIC), iSCSI 1.0/iSER HBA or LOM solution.
The BCM5706 is different from other network controllers because it can
process the TCP/IP and relevant L5 protocols on data directly from the
application buffers on the host, therefore relieving the host CPU from
these time-consuming operations. On the receive path, the BCM5706
processes the frame up to the highest layer supported present in it, e.g.,
the BCM5706 processes the frame for RDMA when the frame is an
RDMA frame.
With the appropriate configuration, the BCM5706 can simultaneously
support any two of the following three functions:
• RDMA Network Interface Controller (RNIC)
• iSCSI or iSER Host Bus Adapter
• TOE Chimney enabled network accelerator
Target Applications of the BCM5706
• Gigabit Ethernet NICs and LAN-on Motherboard (LOM)
• ISCSI 1.0 / iSER Host Bus Adapters (HBA)
• RDMA Network Interface Card (RNIC)
RX
TX
25 MHz
10/100/1000
PHY
10/100/1000
MAC
Dual Processor
PLL
LED Control
LED Signals
SMB Interface
EEPROM Interface
SMBus
EEPROM
Control
TCP,
RDMA,
iSCSI
Context
Memory
TCP,
RDMA,
iSCSI
Code
PLL
Buffer
Memory
PCI/PCI-X
PCI/PCI-X
Bus
PCI
Clk
BASE-T
BASE-T
BASE-SX
BASE-LX
BASE-SX
BASE-LX
PCI 2.3 Adapters
PCI 2.3 Adapters
PCI 2.3 Adapters
PCI 2.3 LOM
PCI 2.3 LOM
PCI 2.3 LOMPCI
Network Interface Cards (NIC) designs
LAN on Motherboard (LOM) designs
10/100/1000
10/100/1000
1000
1000
1000
1000
PCI-X v1.0 Adapters
PCI-X v1.0 Adapters
PCI-X v1.0 Adapters
PCI-X v1.0 LOM
PCI-X v1.0 LOM
PCI-X v1.0 LOM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com