Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021B-CI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT45DB021B-CI
Description  2-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B-CI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT45DB021B-CI Datasheet HTML 2Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 3Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 4Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 5Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 6Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 7Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 8Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 9Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
1937J–DFLSH–9/05
AT45DB021B
once bit 7 has been output. The status of bit 7 will continue to be output on the SO pin, and once
the device is no longer busy, the state of SO will change from 0 to 1. There are eight operations
that can cause the device to be in a busy state: Main Memory Page to Buffer Transfer, Main
Memory Page to Buffer Compare, Buffer to Main Memory Page Program with Built-in Erase,
Buffer to Main Memory Page Program without Built-in Erase, Page Erase, Block Erase, Main
Memory Page Program, and Auto Page Rewrite.
The result of the most recent Main Memory Page to Buffer Compare operation is indicated using
bit 6 of the status register. If bit 6 is a 0, then the data in the main memory page matches the
data in the buffer. If bit 6 is a 1, then at least one bit of the data in the main memory page does
not match the data in the buffer.
The device density is indicated using bits 5, 4, 3 and 2 of the status register. For the
AT45DB021B, the four bits are 0, 1, 0 and 1. The decimal value of these four binary bits does
not equate to the device density; the four bits represent a combinational code relating to differing
densities of Serial DataFlash devices, allowing a total of sixteen different density configurations.
5.2
Program and Erase Commands
5.2.1
Buffer Write
Data can be shifted in from the SI pin into either buffer 1 or buffer 2. To load data into either
buffer, an 8-bit opcode, 84H for buffer 1 or 87H for buffer 2, must be followed by 15 don't care
bits and nine address bits (BFA8-BFA0). The nine address bits specify the first byte in the buffer
to be written. The data is entered following the address bits. If the end of the data buffer is
reached, the device will wrap around back to the beginning of the buffer. Data will continue to be
loaded into the buffer until a low-to-high transition is detected on the CS pin.
5.2.2
Buffer to Main Memory Page Program with Built-in Erase
Data written into either buffer 1 or buffer 2 can be programmed into the main memory. To start
the operation, an 8-bit opcode (83H for buffer 1 or 86H for buffer 2) must be followed by the five
reserved bits, 10 address bits (PA9-PA0) that specify the page in the main memory to be writ-
ten, and nine additional don’t care bits. When a low-to-high transition occurs on the CS pin, the
part will first erase the selected page in main memory to all 1s and then program the data stored
in the buffer into the specified page in the main memory. Both the erase and the programming of
the page are internally self-timed and should take place in a maximum time of t
EP. During this
time, the status register will indicate that the part is busy.
5.2.3
Buffer to Main Memory Page Program without Built-in Erase
A previously erased page within main memory can be programmed with the contents of either
buffer 1 or buffer 2. To start the operation, an 8-bit opcode (88H for buffer 1 or 89H for buffer 2)
must be followed by the five reserved bits, 10 address bits (PA9-PA0) that specify the page in
the main memory to be written, and nine additional don’t care bits. When a low-to-high transition
occurs on the CS pin, the part will program the data stored in the buffer into the specified page in
the main memory. It is necessary that the page in main memory that is being programmed has
been previously erased. The programming of the page is internally self-timed and should take
place in a maximum time of tP. During this time, the status register will indicate that the part is
busy.
Successive page programming operations without doing a page erase are not recommended. In
other words, changing bytes within a page from a “1” to a “0” during multiple page programming
operations without erasing that page is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com