Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB081B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT45DB081B
Description  8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT45DB081B Datasheet HTML 5Page - ATMEL Corporation AT45DB081B Datasheet HTML 6Page - ATMEL Corporation AT45DB081B Datasheet HTML 7Page - ATMEL Corporation AT45DB081B Datasheet HTML 8Page - ATMEL Corporation AT45DB081B Datasheet HTML 9Page - ATMEL Corporation AT45DB081B Datasheet HTML 10Page - ATMEL Corporation AT45DB081B Datasheet HTML 11Page - ATMEL Corporation AT45DB081B Datasheet HTML 12Page - ATMEL Corporation AT45DB081B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
AT45DB081B
2225I–DFLSH–9/05
WRITE PROTECT: If the WP pin is held low, the first 256 pages of the main memory
cannot be reprogrammed. The only way to reprogram the first 256 pages is to first drive
the protect pin high and then use the program commands previously mentioned. If this
pin and feature are not utilized it is recommended that the WP pin be driven high
externally.
RESET: A low state on the reset pin (RESET) will terminate the operation in progress
and reset the internal state machine to an idle state. The device will remain in the reset
condition as long as a low level is present on the RESET pin. Normal operation can
resume once the RESET pin is brought back to a high level.
The device incorporates an internal power-on reset circuit, so there are no restrictions
on the RESET pin during power-on sequences. If this pin and feature are not utilized it is
recommended that the RESET pin be driven high externally.
READY/BUSY: This open drain output pin will be driven low when the device is busy in
an internally self-timed operation. This pin, which is normally in a high state (through
a1k
Ω external pull-up resistor), will be pulled low during programming operations, com-
pare operations, and during page-to-buffer transfers.
The busy status indicates that the Flash memory array and one of the buffers cannot be
accessed; read and write operations to the other buffer can still be performed.
Power-on/Reset State When power is first applied to the device, or when recovering from a reset condition, the
device will default to SPI Mode 3. In addition, the SO pin will be in a high-impedance
state, and a high-to-low transition on the CS pin will be required to start a valid instruc-
tion. The SPI mode will be automatically selected on every falling edge of CS by
sampling the inactive clock state. After power is applied and V
CC is at the minimum
datasheet value, the system should wait 20 ms before an operational mode is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com