| Electronic Components Datasheet Search |
|
TMS320C6421 Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6421 Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 59 page ![]() www.ti.com 2.5 Terminal Functions TMS320C6421 Fixed-Point Digital Signal Processor SPRS346A – JANUARY 2007 – REVISED MARCH 2007 The terminal functions tables (Table 2-7 through Table 2-28) identify the external signal names, the associated pin (ball) numbers along with the mechanical package designator, the pin type, whether the pin has any internal pullup or pulldown resistors, and a functional pin description. For more detailed information on device configuration, peripheral selection, multiplexed/shared pin, and debugging considerations, see the Device Configurations section of this data manual. All device boot and configuration pins are multiplexed configuration pins— meaning they are multiplexed with functional pins. These pins function as device boot and configuration pins only during device reset. The input states of these pins are sampled and latched into the BOOTCFG register when device reset is deasserted (see Note below). After device reset is deasserted, the values on these multiplexed pins no longer have to hold the configuration. For proper device operation, external pullup/pulldown resistors may be required on these device boot and configuration pins. Section 3.2.1, Pullup/Pulldown Resistors discusses situations where external pullup/pulldown resistors are required. Note: Internal to the chip, the two device reset pins RESET and POR are logically AND’d together for the purpose of latching device boot and configuration pins. The values on all device boot and configuration pins are latched into the BOOTCFG register when the logical AND of RESET and POR transitions from low-to-high. Table 2-7. BOOT Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. BOOT GP[25]/ (BOOTMODE3) G16 H21 Bootmode configuration bits. These bootmode functions along with GP[24]/ the FASTBOOT function determine what device bootmode (BOOTMODE2) G15 L20 IPD configuration is selected. I/O/Z DVDD33 The C6421 device supports several types of bootmodes along with a GP[23]/ F15 K20 FASTBOOT option; for more details on the types/options, see , Boot (BOOTMODE1) F18 J20 Modes. GP[22]/ (BOOTMODE0) Fast Boot GP[26]/ IPD G17 K19 I/O/Z 0 = Not Fast Boot (FASTBOOT) DVDD33 1 = Fast Boot EM_A[4]/ IPD GP[10]/ A17 B21 I/O/Z DVDD33 (PLLMS2) Fast Boot PLL Multiplier Select (PLLMS) EM_A[1]/(ALE)/ IPD GP[9]/ A16 B20 I/O/Z These pins select the PLL multiplier for Fast Boot. DVDD33 (PLLMS1) For more details, see , Fast Boot PLL Multiplier Select (PLLMS). EM_A[2]/(CLE)/ IPD GP[8]/ B16 A20 I/O/Z DVDD33 (PLLMS0) (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.2.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Device Overview 18 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |