Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1360 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXLD1360
Description  1A LED driver with internal switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1360 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXLD1360 Datasheet HTML 1Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 2Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1360 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ZXLD1360
Issue 1 - March 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Pin description
Ordering information
Name
Pin no.
Description
LX
1
Drain of NDMOS switch
GND
2
Ground (0V)
ADJ
3
Multi-function On/Off and brightness control pin:
•
Leave floating for normal operation.(VADJ = VREF = 1.25V giving nominal
average output current IOUTnom = 0.1/RS)
•
Drive to voltage below 0.2V to turn off output current
•
Drive with DC voltage (0.3V < VADJ < 2.5V) to adjust output current from
25% to 200% of IOUTnom
•
Drive with PWM signal from open-collector or open-drain transistor, to
adjust output current. Adjustment range 25% to 100% of I
OUTnom for
f>10kHz and 1% to 100% of IOUTnom for f < 500Hz
•
Connect a capacitor from this pin to ground to increase soft-start time.
(Default soft-start time = 0.5ms. Additional soft-start time is
approx.0.5ms/nF)
ISENSE
4
Connect resistor RS from this pin to VIN to define nominal average output
current IOUTnom = 0.1/RS
(Note: RSMIN = 0.1 with ADJ pin open-circuit)
VIN
5
Input voltage (7V to 30V). Decouple to ground with 4.7 F or higher X7R
ceramic capacitor close to device
Device
Reel size
(mm)
Reel width
(inches)
Quantity
per reel
Device mark
ZXLD1360ET5TA
180
8
3,000
1360
LX
TSOT23-5
Top view
1
2
3
5
4
GND
ADJ
VIN
ISENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com