Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM3255 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM3255
Description  AVC/MPEG-2/VC-1 HD DIGITAL VIDEO SYSTEM-ON-A-CHIP SOLUTION FOR SATELLITE, IP, CABLE, AND WATCH-AND-RECORD DVR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM3255 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM3255 Datasheet HTML 1Page - Broadcom Corporation. BCM3255 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OV E R V I E W
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2006 by BROADCOM CORPORATION. All rights reserved.
7401-PB03-R
7/26/06
Broadcom®, the pulse logo, Connecting everything®, and the Connecting everything logo are among
the trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other countries
and/or the EU. Any other trademarks or trade names mentioned are the property of their respective
owners.
BCM7401 Block Diagram
The BCM7401 is a high-definition satellite, cable, and IP set-top box DVR
solution offering integrated AVC (H.264/MPEG-4 Part 10), MPEG-2, and
VC-1 video decoding technology. It combines a data transport processor,
high-definition AVC/MPEG-2/VC-1 video decoder, advanced-audio
decoder, 2D graphics processing, high-quality video scaling and motion
adaptive deinterlacing, six video DACs, stereo high-fidelity audio DACs, a
MIPS32/MIPS16e™ class CPU, and a peripheral control unit providing a
variety of set-top box control functions.
The MPEG-2 DVB-compliant transport stream/PES parser and
demultiplexer is capable of simultaneously processing 256 PIDs via 128 PID
channels in up to five independent external transport stream inputs and two
internal playback channels. All 128 PID channels can be used by the record,
audio, and video interface engine (RAVE), PCR processing, message filter,
and for output via the high-speed transport or remux module. The data
transport module can be configured to support eight record channels for PVR
functionality and six AV channels to interface to audio and video decoders.
The transport provides 1DES/3DES/DVB/Multi2/AES descrambling
support. A memory-to-memory DMA security module may be programmed
for supporting AES/1DES/3DES/CSS/CPRM/CPPM/DTCP copy protection
algorithms/standards. The BCM7401 features the Broadcom secure
processor providing secure key generation, management, and protection.
An advanced video decoder is featured in the BCM7401, capable of
supporting high-definition AVC, VC-1, and MPEG-2 streams. AVC support
is for main- and high-profile to level 4.1 for 720p and 1080i high-definition
support or to level 3.1 for standard definition streams. AVC high profile was
added to the fidelity range extensions specifically to address the needs of
consumer broadcast and playback applications. Tools include additional
transform sizes and spatial prediction modes and support for adaptive
quantization matrix. The video decoder also supports high-definition VC-1
(advanced-profile level 3, main, and simple profiles) and MPEG-2, main
profile at main and high levels. The BCM7401 has an advanced audio
processor capable of decoding Dolby Digital, Dolby Digital Plus, AAC 5.1,
AAC+ level 2, and MPEG 1 layers 1, 2, and 3 with simultaneous pass-
through support. 3D SRS audio is also supported. Available audio outputs are
I2S, SPDIF, and one pair of analog outputs.
High-quality video and graphics processing is integrated, featuring advanced
studio quality 2D graphics processing. Also included are motion-adaptive
deinterlacing with 3:2 pulldown, and letterbox detection. Digital noise
reduction minimizes mosquito noise and MPEG artifacts, including block
noise.
The BCM7401 has a dual-stream analog video encoder with Macrovision
that supports the following output standards: NTSC-M, NTSC-J, PAL-
BDGHIN, PAL-M, and PAL-Nc. The following output formats are
supported: composite, S-Video, SCART, RGB, and YPrPb component. The
following output resolutions are supported: 480i, 480p, 576i, 576p, 720p, and
1080i. Six output video DACs are available to be shared among the output
functions. The BCM7401 also supports output over an HDMI interface and
a channel 3/4 RF modulator. An ITU-R-656 output port is also available with
teletext sideband.
The BCM7401 incorporates a complete MIPS32™-based microprocessor
subsystem, including caches with bridging to memory and a local bus.
Integrated peripherals include three UARTS, two ISO7816 smart card
interfaces, counter/timers, a GPIO, a LED/keypad controller, IR receivers, an
IR blaster, a UHF remote control receiver, an integrated soft modem system
side device, and BSC and SPI controllers. Advanced connectivity features
include two USB 2.0/1.1 ports, an additional independent USB 1.1 port, a
serial ATA port, and an Ethernet port with Mac with integrated PHY and
alternate media independent interface (MII).
Dual
Composite
NTSC/PAL
VEC with 6
DACs
300-MHz
MIPS32/16e
32KI & 32KD
MMU, 4K RAC
PCM
Audio
Engine
&
DACs
Bus Bridge
DRAM Controller
RMX
x2
ISO7816 I/F
x2
ITU-R-656
Decoder
USB 2.0 x2
USB 1.1
I2S In
Secure Processor
O
T
P
R
O
M
Soft Modem,
Si305X,
Ethernet
10/
100BASE-T
Video
- Scalers
- Compositors
- Digital noise
reduction
- Delinterlacing
IR/UHF
RX
Triple
UARTs
DMA
USB
1.1
Advanced
2D Graphics
Display
Engine
Multiformat
Audio
Processor
High definition
AVC/MPEG-2/
VC-1
Video Decoder
IR In x2
UHF In
IR TX
IR Out
GPIO
GPIO
L
R
SPDIF
12S Out
HD/SD Video
SD Video
ITU-R-656/TTX
HDMI
RF Mod.
NTSC
Channel 3/4
Gateway
Services
SCARD
MCARD
ITU-R-656
PCI 2.2 & Flash
ATA
DDR-SDRAM
BSC
BSC x4
UARTx3
Dual
USB
2.0
Dual
PVR
Engine
w/Trick
Modes
MPEG-2/DVB Transport
Transport
Input x5
DCAS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com