Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY13 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 9Page - ATMEL Corporation ATTINY13 Datasheet HTML 10Page - ATMEL Corporation ATTINY13 Datasheet HTML 11Page - ATMEL Corporation ATTINY13 Datasheet HTML 12Page - ATMEL Corporation ATTINY13 Datasheet HTML 13Page - ATMEL Corporation ATTINY13 Datasheet HTML 14Page - ATMEL Corporation ATTINY13 Datasheet HTML 15Page - ATMEL Corporation ATTINY13 Datasheet HTML 16Page - ATMEL Corporation ATTINY13 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 177 page
background image
13
ATtiny13
2535G–AVR–01/07
AVR Memories
This section describes the different memories in the ATtiny13. The AVR architecture
has two main memory spaces, the Data memory and the Program memory space. In
addition, the ATtiny13 features an EEPROM Memory for data storage. All three memory
spaces are linear and regular.
In-System Re-
programmable Flash
Program Memory
The ATtiny13 contains 1K byte On-chip In-System Reprogrammable Flash memory for
program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is orga-
nized as 512 x 16.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The
ATtiny13 Program Counter (PC) is nine bits wide, thus addressing the 512 Program
memory locations. “Memory Programming” on page 103 contains a detailed description
on Flash data serial downloading using the SPI pins.
Constant tables can be allocated within the entire Program memory address space (see
the LPM – Load Program memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execu-
tion Timing” on page 10.
Figure 8. Program Memory Map
0x0000
0x01FF
Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com