Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LS52 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT89LS52
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT89LS52_06 Datasheet HTML 23Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 24Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 25Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 26Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 27Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 28Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 29Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 30Page - ATMEL Corporation AT89LS52_06 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
27
2601B–MICRO–03/05
AT89LS52
Figure 21-2. Flash Memory Serial Downloading
22. Flash Programming and Verification Waveforms – Serial Mode
Figure 22-1. Serial Programming Waveforms
P1.7/SCK
DATA OUTPUT
INSTRUCTION
INPUT
CLOCK IN
3-16 MHz
P1.5/MOSI
V
IH
XTAL2
RST
XTAL1
GND
V
CC
AT89LS52
P1.6/MISO
V
CC
765
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com