Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LS51 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT89LS51
Description  8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS51 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT89LS51 Datasheet HTML 18Page - ATMEL Corporation AT89LS51 Datasheet HTML 19Page - ATMEL Corporation AT89LS51 Datasheet HTML 20Page - ATMEL Corporation AT89LS51 Datasheet HTML 21Page - ATMEL Corporation AT89LS51 Datasheet HTML 22Page - ATMEL Corporation AT89LS51 Datasheet HTML 23Page - ATMEL Corporation AT89LS51 Datasheet HTML 24Page - ATMEL Corporation AT89LS51 Datasheet HTML 25Page - ATMEL Corporation AT89LS51 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
3053B–MICRO–3/05
AT89LS51
Notes:
1. Under steady state (non-transient) conditions, I
OL must be externally limited as follows:
Maximum IOL per port pin: 10 mA
Maximum I
OL per 8-bit port:
Port 0: 26 mA
Ports 1, 2, 3: 15 mA
Maximum total IOL for all output pins: 71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
2. Minimum VCC for Power-down is 2V.
22. DC Characteristics
The values shown in this table are valid for T
A = -40°C to 85°C and VCC = 2.7V to 4.0V, unless otherwise noted.
Symbol
Parameter
Condition
Min
Max
Units
V
IL
Input Low Voltage
(Except EA)-0.5
0.7
V
VIL1
Input Low Voltage (EA)-0.5
0.2 VCC-0.3
V
V
IH
Input High Voltage
(Except XTAL1, RST)
0.2 V
CC+0.9
V
CC+0.5
V
V
IH1
Input High Voltage
(XTAL1, RST)
0.7 V
CC
V
CC+0.5
V
V
OL
Output Low Voltage
(1) (Ports
1,2,3)
I
OL = 0.8 mA
0.45
V
V
OL1
Output Low Voltage
(1)
(Port 0, ALE, PSEN)
I
OL = 1.6 mA
0.45
V
V
OH
Output High Voltage
(Ports 1,2,3, ALE, PSEN)
I
OH = -60 µA
2.4
V
I
OH = -25 µA
0.65 V
CC
V
IOH = -10 µA
0.80 VCC
V
V
OH1
Output High Voltage
(Port 0 in External Bus Mode)
I
OH = -800 µA
2.4
V
I
OH = -300 µA
0.75 V
CC
V
IOH = -80 µA
0.9 VCC
V
I
IL
Logical 0 Input Current (Ports
1,2,3)
V
IN = 0.45V
-50
µA
I
TL
Logical 1 to 0 Transition Current
(Ports 1,2,3)
V
IN = 2V
-150
µA
I
LI
Input Leakage Current (Port 0,
EA)
0.45 < V
IN < VCC
±10
µA
RRST
Reset Pulldown Resistor
50
300
K
Ω
C
IO
Pin Capacitance
Test Freq. = 1 MHz, T
A = 25°C
10
pF
I
CC
Power Supply Current
Active Mode, 12 MHz
25
mA
Idle Mode, 12 MHz
6.5
mA
Power-down Mode
(2)
V
CC = 4.0V
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com