Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LS51-16PC Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT89LS51-16PC
Description  8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS51-16PC Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT89LS51-16PC Datasheet HTML 23Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 24Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 25Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 26Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 27Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 28Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 29Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 30Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
3053B–MICRO–3/05
AT89LS51
33. Ordering Information
33.1
Standard Package
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
16
2.7V to 4.0V
AT89LS51-16AC
AT89LS51-16JC
AT89LS51-16PC
AT89LS51-16SC
44A
44J
40P6
42PS6
Commercial
(0
°C to 70°C)
AT89LS51-16AI
AT89LS51-16JI
AT89LS51-16PI
AT89LS51-16SI
44A
44J
40P6
42PS6
Industrial
(-40
°C to 85°C)
33.2
Green Package Option (Pb/Halide-free)
Speed
(MHz)
Power
Supply
Ordering Code
Package
Operation Range
16
2.7V to 4.0V
AT89LS51-16AU
AT89LS51-16JU
AT89LS51-16PU
44A
44J
40P6
Industrial
(-40
°C to 85°C)
Package Type
44A
44-lead, Thin Plastic Gull Wing Quad Flatpack (TQFP)
44J
44-lead, Plastic J-leaded Chip Carrier (PLCC)
40P6
40-pin, 0.600" Wide, Plastic Dual Inline Package (PDIP)
42PS6
42-pin, 0.600" Wide, Plastic Dual Inline Package (PDIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com