Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DCB004 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DCB004
Description  8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DCB004 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DCB004 Datasheet HTML 1Page - ATMEL Corporation AT45DCB004 Datasheet HTML 2Page - ATMEL Corporation AT45DCB004 Datasheet HTML 3Page - ATMEL Corporation AT45DCB004 Datasheet HTML 4Page - ATMEL Corporation AT45DCB004 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• MultiMediaCard (MMC) Form Factor
• Single 2.7V to 3.6V Supply
• 20 MHz Max Clock Frequency
• Serial Peripheral Interface (SPI) Compatible
• Low Power Dissipation
– 4 mA Active Read Current Typical
– 2 µA CMOS Standby Current Typical
• Industrial Temperature Range
• Pb-free/RoHS-compliant Package
1.
Description
The AT45DCB008, AT45DCB004 and AT45DCB002 are 2.7-volt only SPI compatible
serial interface DataFlash
® Cards. They are offered in 8-megabyte (64-Mbit), 4-mega-
byte (32-Mbit) and 2-megabyte (16-Mbit) densities. These 7-pin cards are form factor
compatible to the MultiMediaCard standard leveraging on a wide range of low cost
connectors that are commercially available. Additionally, the DataFlash Card is pinout
compatible to the SPI version of the MMC card.
The small form factor and simple interface make the DataFlash Card ideal for a wide
variety of data- and program code-storage applications where a removable storage
medium is required. Applications range from voice/audio, text or image storage to
software applications, system upgrades and software patches.
For detailed device specifications, please refer to the corresponding DataFlash
datasheets:
• AT45DCB008 reference AT45DB642
• AT45DCB004 reference AT45DB321B
• AT45DCB002 reference AT45DB161B
Table 1-1.
Pin Configuration
Pin #
Pin Name
Function
Figure 1-1.
DataFlash Card - Top View
1CS
Chip Select
2
SI
Serial Input
3
GND
Ground
4
VCC
Supply
5
SCK
Serial Clock
6
NC
No Connect
7
SO
Serial Output
76 54321
8-megabyte,
4-megabyte,
and 2-megabyte
2.7-volt Only
DataFlash®
Cards
AT45DCB008
AT45DCB004
AT45DCB002
3257C–DFLASH–04/06


Similar Part No. - AT45DCB004

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DCB004 ATMEL-AT45DCB004 Datasheet
86Kb / 4P
8-megabyte 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB004C ATMEL-AT45DCB004C Datasheet
82Kb / 5P
4-megabyte 2.7-volt DataFlash Card
AT45DCB004C ATMEL-AT45DCB004C_06 Datasheet
82Kb / 5P
4-megabyte 2.7-volt DataFlash Card
AT45DCB004D ATMEL-AT45DCB004D Datasheet
84Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB004D ATMEL-AT45DCB004D Datasheet
96Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
More results

Similar Description - AT45DCB004

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMC0XXDFLKA AMD-AMC0XXDFLKA Datasheet
157Kb / 46P
4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
AMMC0XXA AMD-AMMC0XXA Datasheet
182Kb / 39P
2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
AMMCL00XA AMD-AMMCL00XA Datasheet
172Kb / 36P
2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
logo
ATMEL Corporation
AT5FC002 ATMEL-AT5FC002 Datasheet
715Kb / 15P
2-Megabyte Flash Memory PCMCIA Card
AT5FC004 ATMEL-AT5FC004 Datasheet
755Kb / 15P
4-Megabyte Flash Memory PCMCIA Card
AT5FC008 ATMEL-AT5FC008 Datasheet
120Kb / 15P
8-Megabyte Flash Memory PCMCIA Card
AT45DCB004 ATMEL-AT45DCB004 Datasheet
86Kb / 4P
8-megabyte 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB004C ATMEL-AT45DCB004C_06 Datasheet
82Kb / 5P
4-megabyte 2.7-volt DataFlash Card
AT45DCB008D ATMEL-AT45DCB008D_06 Datasheet
84Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB008D ATMEL-AT45DCB008D_08 Datasheet
96Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com