Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321C-TC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45DB321C-TC
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C-TC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45DB321C-TC Datasheet HTML 1Page - ATMEL Corporation AT45DB321C-TC Datasheet HTML 2Page - ATMEL Corporation AT45DB321C-TC Datasheet HTML 3Page - ATMEL Corporation AT45DB321C-TC Datasheet HTML 4Page - ATMEL Corporation AT45DB321C-TC Datasheet HTML 5Page - ATMEL Corporation AT45DB321C-TC Datasheet HTML 6Page - ATMEL Corporation AT45DB321C-TC Datasheet HTML 7Page - ATMEL Corporation AT45DB321C-TC Datasheet HTML 8Page - ATMEL Corporation AT45DB321C-TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
3387L–DFLASH–6/06
AT45DB321C
3.
Block Diagram
4.
Memory Array
To provide optimal flexibility, the memory array of the AT45DB321C is divided into three levels of
granularity comprising of sectors, blocks, and pages. The “Memory Architecture Diagram” illus-
trates the breakdown of each level and details the number of pages per sector and block. All
program operations to the DataFlash occur on a page by page basis. The erase operations can
be performed at the block or page level.
Figure 4-1.
Memory Architecture Diagram
FLASH MEMORY ARRAY
PAGE (528 BYTES)
BUFFER 2 (528 BYTES)
BUFFER 1 (528 BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI
SECTOR 0a = 8 Pages
4224 bytes (4K + 128)
SECTOR 0b = 504 Pages
266,112 bytes (252K + 8064)
Block = 4224 bytes
(4K + 128)
8 Pages
SECTOR 0a
Page = 528 bytes
(512 + 16)
PAGE 0
PAGE 1
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 8190
PAGE 8191
PAGE 14
PAGE 15
PAGE 16
PAGE 17
PAGE 18
PAGE 8189
SECTOR ARCHITECTURE
BLOCK ARCHITECTURE
PAGE ARCHITECTURE
BLOCK 0
BLOCK 1
BLOCK 62
BLOCK 63
BLOCK 64
BLOCK 65
BLOCK 1022
BLOCK 1023
BLOCK 126
BLOCK 127
BLOCK 128
BLOCK 129
SECTOR 15 = 512 Pages
270,336 bytes (256K + 8K)
BLOCK 2
SECTOR 1 = 512 Pages
270,336 bytes (256K + 8K)
SECTOR 14 = 512 Pages
270,336 bytes (256K + 8K)
SECTOR 2 = 512 Pages
270,336 bytes (256K + 8K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com