Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE521D Datasheet(PDF) 4 Page - ON Semiconductor

Part # NE521D
Description  High?뭆peed Dual?묭ifferential Comparator/Sense Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE521D Datasheet(HTML) 4 Page - ON Semiconductor

  NE521D Datasheet HTML 1Page - ON Semiconductor NE521D Datasheet HTML 2Page - ON Semiconductor NE521D Datasheet HTML 3Page - ON Semiconductor NE521D Datasheet HTML 4Page - ON Semiconductor NE521D Datasheet HTML 5Page - ON Semiconductor NE521D Datasheet HTML 6Page - ON Semiconductor NE521D Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NE521
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
20mV
5mV
10mV
4
3
2
1
0
100
50
0
0
5
10
15
20
25
30
VS = +5V
TA = 25oC
100mV
TIME — nS
TA = 25oC
VS = +5V
5mV
10mV
100mV
50mV
0
5
10
15
20
25
30
TIME — nS
4
3
2
1
0
100
50
0
INPUT VOLTAGE (mVp−p)
VS = +5V
10MHz SQUARE
WAVE INPUT
TA = 25oC
TPD (LH)
TPD (HL)
10
20
30
40
50
60
70
12
10
8
6
20
18
16
14
12
10
8
6
4
2
100
1000
INPUT VOLTAGE (m Vp−p)
VS = +5V
10MHz SQUARE
WAVE INPUT
TA = 25oC
TPD (LH)
TPD (HL)
4.0
3.0
2.0
1.0
−75
−25
+25
+75
VOL
VOH
AMBIENT TEMPERATURE (oC)
−75
−25
+25
+75
+125
AMBIENT TEMPERATURE (oC)
12
11
10
9
8
7
6
1.1
1.0
0.9
0.8
0.7
0.6
0.5
−75
−25
+25
+75
+125
AMBIENT TEMPERATURES (oC)
12
10
8
6
4
2
60
20
−20
+60
+100
+140
TPD (LH)
TPD (HL)
AMBIENT TEMPERATURE (oC)
Figure 3. Response Time for
Various Input Overdrives
Figure 4. Response Time for
Various Input Overdrives
Figure 5. Response Time
vs. Temperature
Figure 6. Propagation Delay
for Various Input Voltages
Figure 7. Propagation Delay
for Various Input Voltages
Figure 8. Output Voltage vs.
Ambient Temperature
Figure 9. Input Bias Current
vs. Ambient Temperature
Figure 10. Input Offset
Current vs. Ambient
Temperature
+125



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com