Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5230 Datasheet(PDF) 16 Page - ON Semiconductor

Part # SA5230
Description  Low Voltage Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5230 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button SA5230 Datasheet HTML 10Page - ON Semiconductor SA5230 Datasheet HTML 11Page - ON Semiconductor SA5230 Datasheet HTML 12Page - ON Semiconductor SA5230 Datasheet HTML 13Page - ON Semiconductor SA5230 Datasheet HTML 14Page - ON Semiconductor SA5230 Datasheet HTML 15Page - ON Semiconductor SA5230 Datasheet HTML 16Page - ON Semiconductor SA5230 Datasheet HTML 17Page - ON Semiconductor SA5230 Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
16
NE5230N
AWL
YYWWG
SA5230N
AWL
YYWWG
PDIP−8
N SUFFIX
CASE 626
SOIC−8
D SUFFIX
CASE 751
A
= Assembly Location
WL, L = Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
MARKING DIAGRAMS
N5230
ALYW
G
1
8
S5230
ALYW
G
1
8
S5230
ALYWE
G
1
8
ORDERING INFORMATION
Device
Description
Temperature Range
Shipping†
NE5230D
8−Pin Plastic Small Outline (SO−8) Package
0°C to +70°C
98 Units / Rail
NE5230DG
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
0°C to +70°C
98 Units / Rail
NE5230DR2
8−Pin Plastic Small Outline (SO−8) Package
0°C to +70°C
2500 / Tape & Reel
NE5230DR2G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
0°C to +70°C
2500 / Tape & Reel
NE5230N
8−Pin Plastic Dual In−Line Package (PDIP−8)
0°C to +70°C
50 Units / Rail
NE5230NG
8−Pin Plastic Dual In−Line Package (PDIP−8)
(Pb−Free)
0°C to +70°C
50 Units / Rail
SA5230D
8−Pin Plastic Small Outline (SO−8) Package
−40°C to +85°C
98 Units / Rail
SA5230DG
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
−40°C to +85°C
98 Units / Rail
SA5230DR2
8−Pin Plastic Small Outline (SO−8) Package
−40°C to +85°C
2500 / Tape & Reel
SA5230DR2G
8−Pin Plastic Small Outline (SO−8) Package
(Pb−Free)
−40°C to +85°C
2500 / Tape & Reel
SA5230N
8−Pin Plastic Dual In−Line Package (PDIP−8)
−40°C to +85°C
50 Units / Rail
SA5230NG
8−Pin Plastic Dual In−Line Package (PDIP−8)
(Pb−Free)
−40°C to +85°C
50 Units / Rail
SE5230D
8−Pin Plastic Small Outline (SO−8) Package
−40°C to +125°C
98 Units / Rail
SE5230DR2
8−Pin Plastic Small Outline (SO−8) Package
−40°C to +125°C
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com