Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP2052 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 4Page - ATMEL Corporation AT89LP2052 Datasheet HTML 5Page - ATMEL Corporation AT89LP2052 Datasheet HTML 6Page - ATMEL Corporation AT89LP2052 Datasheet HTML 7Page - ATMEL Corporation AT89LP2052 Datasheet HTML 8Page - ATMEL Corporation AT89LP2052 Datasheet HTML 9Page - ATMEL Corporation AT89LP2052 Datasheet HTML 10Page - ATMEL Corporation AT89LP2052 Datasheet HTML 11Page - ATMEL Corporation AT89LP2052 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
8
3547F–MICRO–6/06
AT89LP2052/LP4052
7.7
I/O Ports
The I/O ports of the AT89LP2052/LP4052 may be configured in four different modes. On the
AT89LP2052/LP4052, all the I/O ports revert to input-only (tri-stated) mode at power-up or reset.
In the standard 8051, all ports are weakly pulled high during power-up or reset. To enable 8051-
like ports, the ports must be put into quasi-bidirectional mode by clearing the P1M0 and P3M0
SFRs.
7.8
Reset
The RST pin in the AT89LP2052/LP4052 has different pulse width requirements than the stan-
dard 8051. The RST pin is sampled every clock cycle and must be held low for a minimum of two
clock cycles, instead of 24 clock cycles, to be recognized as a valid reset pulse
8.
Enhanced CPU
The AT89LP2052/LP4052 uses an enhanced 8051 CPU that runs at 6 to 12 times the speed of
standard 8051 devices (or 3 to 6 times the speed of X2-mode 8051 devices). The increase in
performance is due to two factors. First, the CPU fetches one instruction byte from the code
memory every clock cycle. Second, the CPU uses a simple two-stage pipeline to fetch and exe-
cute instructions in parallel. This basic pipelining concept allows the CPU to obtain up to 1 MIPS
per MHz. A simple example is shown in Figure 8-1.
The MCS-51 instruction set allows for instructions of variable length from 1 to 3 bytes. In a sin-
gle-clock-per-byte-fetch system this means each instruction takes at least as many clocks as it
has bytes to execute. A majority of the instructions in the AT89LP2052/LP4052 follow this rule:
the instruction execution time in clock cycles equals the number of bytes per instruction with a
few exceptions. Branches and Calls require an additional cycle to compute the target address
and some other complex instructions require multiple cycles. See Section 21. “Instruction Set
Summary” on page 49 for more detailed information on individual instructions. Figures 8-2 and
8-3 show examples of one- and two-byte instructions.
Figure 8-1.
Parallel Instruction Fetches and Executions
System Clock
nth Instruction
(n+1)th Instruction
Fetch
Execute
Fetch
Execute
Fetch
Tn
Tn+1
Tn+2
(n+2)th Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com