Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB041D Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT45DB041D
Description  4-megabit 2.5-volt or 2.7-volt DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB041D Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT45DB041D_07 Datasheet HTML 17Page - ATMEL Corporation AT45DB041D_07 Datasheet HTML 18Page - ATMEL Corporation AT45DB041D_07 Datasheet HTML 19Page - ATMEL Corporation AT45DB041D_07 Datasheet HTML 20Page - ATMEL Corporation AT45DB041D_07 Datasheet HTML 21Page - ATMEL Corporation AT45DB041D_07 Datasheet HTML 22Page - ATMEL Corporation AT45DB041D_07 Datasheet HTML 23Page - ATMEL Corporation AT45DB041D_07 Datasheet HTML 24Page - ATMEL Corporation AT45DB041D_07 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
21
3595H–DFLASH–03/07
AT45DB041D
10.2.2
Reading the Security Register
The Security Register can be read by first asserting the CS pin and then clocking in an opcode
of 77H followed by three dummy bytes. After the last don't care bit has been clocked in, the con-
tent of the Security Register can be clocked out on the SO pins. After the last byte of the
Security Register has been read, additional pulses on the SCK pin will simply result in undefined
data being output on the SO pins.
Deasserting the CS pin will terminate the Read Security Register operation and put the SO pins
into a high-impedance state.
Figure 10-4. Read Security Register
11. Additional Commands
11.1
Main Memory Page to Buffer Transfer
A page of data can be transferred from the main memory to either buffer 1 or buffer 2. To start
the operation for the DataFlash standard page size (264 bytes), a 1-byte opcode, 53H for buffer
1 and 55H for buffer 2, must be clocked into the device, followed by three address bytes com-
prised of 4 don’t care bits, 11 page address bits (PA10 - PA0), which specify the page in main
memory that is to be transferred, and 9 don’t care bits. To perform a main memory page to buffer
transfer for the binary page size (256 bytes), the opcode 53H for buffer 1 or 55H for buffer 2,
must be clocked into the device followed by three address bytes consisting of 5 don’t care bits,
11 page address bits (A18 - A8) which specify the page in the main memory that is to be trans-
ferred, and 8 don’t care bits. The CS pin must be low while toggling the SCK pin to load the
opcode and the address bytes from the input pin (SI). The transfer of the page of data from the
main memory to the buffer will begin when the CS pin transitions from a low to a high state. Dur-
ing the transfer of a page of data (t
XFR), the status register can be read to determine whether the
transfer has been completed.
11.2
Main Memory Page to Buffer Compare
A page of data in main memory can be compared to the data in buffer 1 or buffer 2. To initiate
the operation for the DataFlash standard page size, a 1-byte opcode, 60H for buffer 1 and 61H
for buffer 2, must be clocked into the device, followed by three address bytes consisting of
4 don’t care bits, 11 page address bits (PA10 - PA0) that specify the page in the main memory
that is to be compared to the buffer, and 9 don’t care bits. To start a main memory page to buffer
compare for a binary page size, the opcode 60H for buffer 1 or 61H for buffer 2, must be clocked
into the device followed by three address bytes consisting of 5 don’t care bits, 11 page address
bits (A18 - A8) that specify the page in the main memory that is to be compared to the buffer,
and 8 don’t care bits. The CS pin must be low while toggling the SCK pin to load the opcode and
Opcode
X
X
X
Data Byte
n
Data Byte
n + 1
CS
Data Byte
n + x
Each transition
represents 8 bits
SI
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com