Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP4052-20PI Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89LP4052-20PI
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052-20PI Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89LP4052-20PI Datasheet HTML 12Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 13Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 14Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 15Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 16Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 17Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 18Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 19Page - ATMEL Corporation AT89LP4052-20PI Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
16
3547F–MICRO–6/06
AT89LP2052/LP4052
Table 13-2.
IE
– Interrupt Enable Register
IE = A8H
Reset Value = 00X0 0000B
Bit Addressable
EA
EC
–
ES
ET1
EX1
ET0
EX0
Bit
7
6
543
21
0
Symbol
Function
EA
Global enable/disable. All interrupts are disabled when EA = 0. When EA = 1, each interrupt source is enabled/disabled
by setting /clearing its own enable bit.
EC
Comparator Interrupt Enable
ES
Serial Port Interrupt Enable
ET1
Timer 1 Interrupt Enable
EX1
External Interrupt 1 Enable
ET0
Timer 0 Interrupt Enable
EX0
External Interrupt 0 Enable
Table 13-3.
IP
– Interrupt Priority Register
IP = B8H
Reset Value = X0X0 0000B
Bit Addressable
–
PC
–
PS
PT1
PX1
PT0
PX0
Bit
7
6
543
21
0
Symbol
Function
PC
Comparator Interrupt Priority Low
PS
Serial Port Interrupt Priority Low
PT1
Timer 1 Interrupt Priority Low
PX1
External Interrupt 1 Priority Low
PT0
Timer 0 Interrupt Priority Low
PX0
External Interrupt 0 Priority Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com