Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGD8201N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NGD8201N
Description  Ignition IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGD8201N Datasheet(HTML) 2 Page - ON Semiconductor

  NGD8201N Datasheet HTML 1Page - ON Semiconductor NGD8201N Datasheet HTML 2Page - ON Semiconductor NGD8201N Datasheet HTML 3Page - ON Semiconductor NGD8201N Datasheet HTML 4Page - ON Semiconductor NGD8201N Datasheet HTML 5Page - ON Semiconductor NGD8201N Datasheet HTML 6Page - ON Semiconductor NGD8201N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NGD8201N
http://onsemi.com
2
UNCLAMPED COLLECTOR−TO−EMITTER AVALANCHE CHARACTERISTICS (−55° ≤ TJ ≤ 175°C)
Characteristic
Symbol
Value
Unit
Single Pulse Collector−to−Emitter Avalanche Energy
VCC = 50 V, VGE = 5.0 V, Pk IL = 16.7 A, RG = 1000 W, L = 1.8 mH, Starting TJ = 25°C
VCC = 50 V, VGE = 5.0 V, Pk IL = 14.9 A, RG = 1000 W, L = 1.8 mH, Starting TJ = 150°C
VCC = 50 V, VGE = 5.0 V, Pk IL = 14.1 A, RG = 1000 W, L = 1.8 mH, Starting TJ = 175°C
EAS
250
200
180
mJ
Reverse Avalanche Energy
VCC = 100 V, VGE = 20 V, Pk IL = 25.8 A, L = 6.0 mH, Starting TJ = 25°C
EAS(R)
2000
mJ
THERMAL CHARACTERISTICS
Thermal Resistance, Junction−to−Case
RqJC
1.2
°C/W
Thermal Resistance, Junction−to−Ambient (Note 1)
RqJA
95
°C/W
Maximum Temperature for Soldering Purposes, 1/8″ from case for 5 seconds (Note 2)
TL
275
°C
1. When surface mounted to an FR4 board using the minimum recommended pad size.
2. For further details, see Soldering and Mounting Techniques Reference Manual: SOLDERRM/D.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions
Temperature
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Clamp Voltage
BVCES
IC = 2.0 mA
TJ = −40°C to 175°C
370
395
420
V
IC = 10 mA
TJ = −40°C to 175°C
390
415
440
Zero Gate Voltage Collector Current
ICES
VGE = 0 V, VCE = 15 V
TJ = 25°C
0.1
1.0
mA
VCE = 200 V,
VGE = 0 V
TJ = 25°C
0.5
1.5
10
mA
TJ = 175°C
1.0
25
100*
TJ = −40°C
0.4
0.8
5.0
Reverse Collector−Emitter Clamp
Voltage
BVCES(R)
IC = −75 mA
TJ = 25°C
30
35
39
V
TJ = 175°C
35
39
45*
TJ = −40°C
30
33
37
Reverse Collector−Emitter Leakage
Current
ICES(R)
VCE = −24 V
TJ = 25°C
0.05
0.1
0.5
mA
TJ = 175°C
1.0
5.0
10*
TJ = −40°C
0.005
0.01
0.1
Gate−Emitter Clamp Voltage
BVGES
IG = "5.0 mA
TJ = −40°C to 175°C
12
12.5
14
V
Gate−Emitter Leakage Current
IGES
VGE = "5.0 V
TJ = −40°C to 175°C
200
300
350*
mA
Gate Resistor (Optional)
RG
TJ = −40°C to 175°C
70
W
Gate−Emitter Resistor
RGE
TJ = −40°C to 175°C 14.25
16
25
kW
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGE(th)
IC = 1.0 mA, VGE = VCE
TJ = 25°C
1.5
1.8
2.1
V
TJ = 175°C
0.7
1.0
1.3
TJ = −40°C
1.7
2.0
2.3*
Threshold Temperature Coefficient
(Negative)
4.0
4.6
5.2
mV/°C
*Maximum Value of Characteristic across Temperature Range.
3. Pulse Test: Pulse Width v 300 mS, Duty Cycle v 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com