Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGP15N41CL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NGP15N41CL
Description  Ignition IGBT 15 Amps, 410 Volts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGP15N41CL Datasheet(HTML) 4 Page - ON Semiconductor

  NGP15N41CL Datasheet HTML 1Page - ON Semiconductor NGP15N41CL Datasheet HTML 2Page - ON Semiconductor NGP15N41CL Datasheet HTML 3Page - ON Semiconductor NGP15N41CL Datasheet HTML 4Page - ON Semiconductor NGP15N41CL Datasheet HTML 5Page - ON Semiconductor NGP15N41CL Datasheet HTML 6Page - ON Semiconductor NGP15N41CL Datasheet HTML 7Page - ON Semiconductor NGP15N41CL Datasheet HTML 8Page - ON Semiconductor NGP15N41CL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NGD15N41CL, NGB15N41CL, NGP15N41CL
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS (unless otherwise noted)
GATE TO EMITTER VOLTAGE (VOLTS)
0
40
6
10
4
2
0
60
20
30
50
8
13
5
7
0
40
6
10
4
2
0
VCE, COLLECTOR TO EMITTER VOLTAGE (VOLTS)
Figure 1. Output Characteristics
Figure 2. Output Characteristics
0
25
20
15
10
2
1.5
1
5
30
0
0.5
2.5
3
3.5
Figure 3. Output Characteristics
VGE, GATE TO EMITTER VOLTAGE (VOLTS)
Figure 4. Transfer Characteristics
Figure 5. Collector−to−Emitter Saturation
Voltage versus Junction Temperature
Figure 6. Collector−to−Emitter Voltage versus
Gate−to−Emitter Voltage
60
VGE = 10 V
VCE, COLLECTOR TO EMITTER VOLTAGE (VOLTS)
20
30
50
8
13
5
7
5 V
TJ = 25°C
TJ = −40°C
VGE = 10 V
5 V
4.5 V
4 V
3.5 V
3 V
2.5 V
TJ = 150°C
4
4.5
5
4.5 V
4 V
3.5 V
3 V
2.5 V
0
40
6
10
4
2
0
60
20
30
50
8
13
5
7
VCE, COLLECTOR TO EMITTER VOLTAGE (VOLTS)
TJ = 150°C
VGE = 10 V
5 V
4.5 V
4 V
3.5 V
3 V
2.5 V
2.5
TJ, JUNCTION TEMPERATURE (°C)
−50
50
75
25
0
100
−25
125
1.0
3.0
0.5
2.0
0.0
3.5
4.0
1.5
150
VGE = 5 V
IC = 25 A
IC = 20 A
IC = 15 A
IC = 10 A
IC = 5 A
2.5
36
7
58
49
1
0.5
2
0
3
1.5
10
IC = 15 A
IC = 10 A
IC = 5 A
VCE = 10 V
TJ = 25°C
TJ = −40°C
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com