Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP216 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT89LP216
Description  Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP216 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT89LP216_06 Datasheet HTML 82Page - ATMEL Corporation AT89LP216_06 Datasheet HTML 83Page - ATMEL Corporation AT89LP216_06 Datasheet HTML 84Page - ATMEL Corporation AT89LP216_06 Datasheet HTML 85Page - ATMEL Corporation AT89LP216_06 Datasheet HTML 86Page - ATMEL Corporation AT89LP216_06 Datasheet HTML 87Page - ATMEL Corporation AT89LP216_06 Datasheet HTML 88Page - ATMEL Corporation AT89LP216_06 Datasheet HTML 89Page - ATMEL Corporation AT89LP216_06 Datasheet HTML 90Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
iii
3621A–MICRO–6/06
AT89LP216 [Preliminary]
Table of Contents (Continued)
23. Programming the Flash Memory .......................................................... 65
23.1 Physical Interface .................................................................................................65
23.2 Memory Organization ...........................................................................................66
23.3 Command Format .................................................................................................67
23.4 Status Register .....................................................................................................70
23.5 DATA Polling ........................................................................................................70
23.6 Flash Security .......................................................................................................70
23.7 User Configuration Fuses .....................................................................................71
23.8 Programming Interface Timing .............................................................................72
24. Electrical Characteristics ...................................................................... 76
24.1 Absolute Maximum Ratings* .................................................................................76
24.2 DC Characteristics ................................................................................................76
24.3 Serial Peripheral Interface Timing .......................................................................77
24.4 External Clock Drive .............................................................................................79
24.5 Serial Port Timing: Shift Register Mode ................................................................80
24.6 Test Conditions .....................................................................................................80
25. Ordering Information ............................................................................. 82
25.1 Standard Package ................................................................................................82
25.2 Green Package Option (Pb/Halide-free) ...............................................................82
26. Packaging Information .......................................................................... 83
26.1 16P3 – PDIP .........................................................................................................83
26.2 16S2 – SOIC .........................................................................................................84
26.3 16X – TSSOP .......................................................................................................85
27. Revision History ..................................................................................... 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com