Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB011D Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT45DB011D_07 Datasheet HTML 28Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 29Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 30Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 31Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 32Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 33Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 34Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 35Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
16. Power-on/Reset State
When power is first applied to the device, or when recovering from a reset condition, the device
will default to Mode 3. In addition, the output pin (SO) will be in a high impedance state, and a
high-to-low transition on the CS pin will be required to start a valid instruction. The mode (Mode
3 or Mode 0) will be automatically selected on every falling edge of CS by sampling the inactive
clock state.
16.1
Initial Power-up/Reset Timing Restrictions
At power up, the device must not be selected until the supply voltage reaches the V
CC (min.) and
further delay of t
VCSL. During power-up, the internal Power-on Reset circuitry keeps the device in
reset mode until the V
CC rises above the Power-on Reset threshold value (VPOR). At this time, all
operations are disabled and the device does not respond to any commands. After power up is
applied and the V
CC is at the minimum operating voltage VCC (min.), the tVCSL delay is required
before the device can be selected in order to perform a read operation.
Similarly, the t
PUW delay is required after the VCC rises above the Power-on Reset threshold
value (V
POR) before the device can perform a write (Program or Erase) operation. After initial
power-up, the device will default in Standby mode.
17. System Considerations
The RapidS serial interface is controlled by the clock SCK, serial input SI and chip select CS
pins. These signals must rise and fall monotonically and be free from noise. Excessive noise or
ringing on these pins can be misinterpreted as multiple edges and cause improper operation of
the device. The PC board traces must be kept to a minimum distance or appropriately termi-
nated to ensure proper operation. If necessary, decoupling capacitors can be added on these
pins to provide filtering against noise glitches.
As system complexity continues to increase, voltage regulation is becoming more important. A
key element of any voltage regulation scheme is its current sourcing capability. Like all Flash
memories, the peak current for DataFlash occur during the programming and erase operation.
The regulator needs to supply this peak current requirement. An under specified regulator can
cause current starvation. Besides increasing system noise, current starvation during program-
ming or erase can lead to improper operation and possible data corruption.
Symbol
Parameter
Min
Typ
Max
Units
t
VCSL
V
CC (min.) to Chip Select low
50
µs
tPUW
Power-Up Device Delay before Write Allowed
20
ms
VPOR
Power-On Reset Voltage
1.5
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com