Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 147 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 143Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 144Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 145Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 146Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 147Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 148Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 149Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 150Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 151Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 212 page
background image
147
4109J–8051–10/06
AT8xC51SND1C
18.1
Description
The SPI controller interfaces with the C51 core through three special function registers: SPCON,
the SPI control register (see Table 122); SPSTA, the SPI status register (see Table 123); and
SPDAT, the SPI data register (see Table 124).
18.1.1
Master Mode
The SPI operates in master mode when the MSTR bit in SPCON is set.
Figure 18-3 shows the SPI block diagram in master mode. Only a master SPI module can initiate
transmissions. Software begins the transmission by writing to SPDAT. Writing to SPDAT writes
to the shift register while reading SPDAT reads an intermediate register updated at the end of
each transfer.
The Byte begins shifting out on the MOSI pin under the control of the bit rate generator. This
generator also controls the shift register of the slave peripheral through the SCK output pin. As
the Byte shifts out, another Byte shifts in from the slave peripheral on the MISO pin. The Byte is
transmitted most significant bit (MSB) first. The end of transfer is signaled by SPIF being set.
When the AT8xC51SND1C is the only master on the bus, it can be useful not to use SS pin and
get it back to I/O functionality. This is achieved by setting SSDIS bit in SPCON.
Figure 18-3. SPI Master Mode Block Diagram
Note:
MSTR bit in SPCON is set to select master mode.
18.1.2
Slave Mode
The SPI operates in slave mode when the MSTR bit in SPCON is cleared and data has been
loaded in SPDAT.
Figure 18-4 shows the SPI block diagram in slave mode. In slave mode, before a data transmis-
sion occurs, the SS pin of the slave SPI must be asserted to low level. SS must remain low until
the transmission of the Byte is complete. In the slave SPI module, data enters the shift register
through the MOSI pin under the control of the serial clock provided by the master SPI module on
the SCK input pin. When the master starts a transmission, the data in the shift register begins
shifting out on the MISO pin. The end of transfer is signaled by SPIF being set.
Bit Rate Generator
SPR2:0
SPCON
MOSI/P4.1
MISO/P4.0
SCK/P4.2
CPOL
SPCON.3
SPEN
SPCON.6
CPHA
SPCON.2
PER
CLOCK
8-bit Shift Register
SPDAT WR
IQ
SPDAT RD
Control and Clock Logic
MODF
SPSTA.4
SS/P4.3
SSDIS
SPCON.5
WCOL
SPSTA.6
SPIF
SPSTA.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com