Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 149 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 145Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 146Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 147Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 148Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 149Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 150Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 151Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 152Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 212 page
background image
149
4109J–8051–10/06
AT8xC51SND1C
For simplicity, Figure 18-5 and Figure 18-6 depict the SPI waveforms in idealized form and do
not provide precise timing information. For timing parameters refer to the Section “AC
Characteristics”.
Note:
1. When the peripheral is disabled (SPEN = 0), default SCK line is high level.
Figure 18-5. Data Transmission Format (CPHA = 0)
Figure 18-6. Data Transmission Format (CPHA = 1)
18.1.5
SS Management
Figure 18-5 shows an SPI transmission with CPHA = 0, where the first SCK edge is the MSB
capture point. Therefore the slave starts to output its MSB as soon as it is selected: SS asserted
to low level. SS must then be deasserted between each Byte transmission (see Figure 18-7).
SPDAT must be loaded with a data before SS is asserted again.
Figure 18-6 shows an SPI transmission with CPHA = 1, where the first SCK edge is used by the
slave as a start of transmission signal. Therefore, SS may remain asserted between each Byte
transmission (see Figure 18-7).
1
2
3
4
5
6
7
8
MSB
bit 1
LSB
bit 2
bit 4
bit 3
bit 6
bit 5
bit 1
bit 2
bit 4
bit 3
bit 6
bit 5
MSB
LSB
MOSI (From Master)
MISO (From Slave)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (Internal)
SCK Cycle Number
SS (to slave)
Capture point
1
2
3
4
5
6
7
8
MSB
bit 1
LSB
bit 2
bit 4
bit 3
bit 6
bit 5
bit 1
bit 2
bit 4
bit 3
bit 6
bit 5
MSB
LSB
MOSI (from master)
MISO (from slave)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (internal)
SCK cycle number
SS (to slave)
Capture point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com