Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80C51SND1C-ROTUL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTUL Datasheet(HTML) 1 Page - ATMEL Corporation

  AT80C51SND1C-ROTUL Datasheet HTML 1Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 2Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 3Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 4Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 5Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 6Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 7Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 8Page - ATMEL Corporation AT80C51SND1C-ROTUL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 212 page
background image
Features
• MPEG I/II-Layer 3 Hardwired Decoder
– Stand-alone MP3 Decoder
– 48, 44.1, 32, 24, 22.05, 16 kHz Sampling Frequency
– Separated Digital Volume Control on Left and Right Channels (Software Control
using 31 Steps)
– Bass, Medium, and Treble Control (31 Steps)
– Bass Boost Sound Effect
– Ancillary Data Extraction
– CRC Error and MPEG Frame Synchronization Indicators
• Programmable Audio Output for Interfacing with Common Audio DAC
– PCM Format Compatible
–I
2S Format Compatible
• 8-bit MCU C51 Core Based (F
MAX = 20 MHz)
• 2304 Bytes of Internal RAM
• 64K Bytes of Code Memory
– AT89C51SND1C: Flash (100K Erase/Write Cycles)
– AT83SND1C: ROM
• 4K Bytes of Boot Flash Memory (AT89C51SND1C)
– ISP: Download from USB (standard) or UART (option)
• External Code Memory
– AT80C51SND1C: ROMless
• USB Rev 1.1 Controller
– Full Speed Data Transmission
• Built-in PLL
– MP3 Audio Clocks
–USB Clock
• MultiMedia Card® Interface Compatibility
• Atmel DataFlash® SPI Interface Compatibility
• IDE/ATAPI Interface
• 2 Channels 10-bit ADC, 8 kHz (8-true bit)
– Battery Voltage Monitoring
– Voice Recording Controlled by Software
• Up to 44 Bits of General-purpose I/Os
– 4-bit Interrupt Keyboard Port for a 4 x n Matrix
–SmartMedia
® Software Interface
• 2 Standard 16-bit Timers/Counters
• Hardware Watchdog Timer
• Standard Full Duplex UART with Baud Rate Generator
• Two Wire Master and Slave Modes Controller
• SPI Master and Slave Modes Controller
• Power Management
– Power-on Reset
– Software Programmable MCU Clock
– Idle Mode, Power-down Mode
• Operating Conditions:
–3V,
±10%, 25 mA Typical Operating at 25°C
– Temperature Range: -40
°C to +85°C
• Packages
– TQFP80, BGA81, PLCC84 (Development Board)
–Dice
Single-Chip
Flash
Microcontroller
with MP3
Decoder and
Human
Interface
AT83SND1C
AT89C51SND1C
AT80C51SND1C
4109J–8051–10/06


Similar Part No. - AT80C51SND1C-ROTUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C51SND1C-ROTUL ATMEL-AT80C51SND1C-ROTUL Datasheet
458Kb / 42P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
More results

Similar Description - AT80C51SND1C-ROTUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C51SND1C ATMEL-AT83C51SND1C Datasheet
791Kb / 47P
Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
DOC4106 ATMEL-DOC4106 Datasheet
791Kb / 47P
Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
AT89C51SND2C ATMEL-AT89C51SND2C Datasheet
1Mb / 236P
Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
T83C51SND1 ATMEL-T83C51SND1 Datasheet
868Kb / 60P
Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
AT83SND2C ATMEL-AT83SND2C_06 Datasheet
2Mb / 241P
Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
Single-Chip MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_05 Datasheet
2Mb / 235P
Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83C51SND1C ATMEL-AT83C51SND1C_03 Datasheet
1Mb / 210P
Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
logo
Silan Microelectronics ...
SC9822P SILAN-SC9822P Datasheet
588Kb / 30P
MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com