Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80C51RB2-3CSIM Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT80C51RB2-3CSIM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSIM Datasheet(HTML) 2 Page - ATMEL Corporation

  AT80C51RB2-3CSIM Datasheet HTML 1Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 2Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 3Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 4Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 5Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 6Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 7Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 8Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
2
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Table 1. Memory Size
Block Diagram
Notes:
1. Alternate function of Port 1
2. Alternate function of Port 3
ROM (Bytes)
XRAM (Bytes)
TOTAL RAM
(Bytes)
I/O
AT83C51RB2
16K
1024
1280
32
AT83C51RC2
32K
1024
1280
32
AT80C51RD2
ROMless
1024
1280
32
Timer 0
INT
RAM
256x8
WR
RD
EA
PSEN
ALE/
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
(2)
(2)
C51
CORE
(2) (2)
(2) (2)
Port 0 Port 1 Port 2 Port 3
Parallel I/O Ports & Ext. Bus
XRAM
1Kx8
IB-bus
PCA
PROG
Watch
Dog
(2)
(2)
(1)
(1)
Timer2
(1)
(1)
ROM
32Kx8 or
16Kx8
Key
Board
+
BRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com