Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT85C5121 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT85C5121
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT85C5121 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT85C5121 Datasheet HTML 9Page - ATMEL Corporation AT85C5121 Datasheet HTML 10Page - ATMEL Corporation AT85C5121 Datasheet HTML 11Page - ATMEL Corporation AT85C5121 Datasheet HTML 12Page - ATMEL Corporation AT85C5121 Datasheet HTML 13Page - ATMEL Corporation AT85C5121 Datasheet HTML 14Page - ATMEL Corporation AT85C5121 Datasheet HTML 15Page - ATMEL Corporation AT85C5121 Datasheet HTML 16Page - ATMEL Corporation AT85C5121 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 115 page
background image
13
A/T8xC5121
4164G–SCR–07/06
Reserved
Table 2. SFR Addresses and Reset Values
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
FFh
F0h
B
0000 0000
LEDCON
XXXX 0000
F7h
E8h
EFh
E0h
ACC
0000 0000
E7h
D8h
DFh
D0h
PSW
0000 0000
RCON
XXXX OXXX
D7h
C8h
CFh
C0h
C7h
B8h
IPL0
XXX0 0000
SADEN
0000 0000
ISEL
0000 0100
DCCKPS
XXXX XX11
BFh
B0h
P3
1111 1111
IE1
XXXX 0XXX
IPL1
XXXX 0XXX
IPH1
XXXX 0XXX
0SCWT0 *
1000 0000
0SCWT1 *
0010 0101
0SCWT2 *
0000 0000
IPH0
XXX0 0000
B7h
1SCGT0 *
0000 1100
1SCGT1*
0000 0000
1
SCICR *
0000 0000
A8h
IE0
0XX0 0000
SADDR
0000 0000
SCTBUF*
0000 0000
SCSR
XXX0 1000
0
SCCON *
0X000
0
SCISR*
10X0 0000
0
SCIIR*
0X00 0000
CKCON1
XXXX 0XXX
AFh
SCRBUF
0000 000
1SCETU0
0111 0100
1SCETU1
0XXX
1SCIER *
0X00 0000
A0h
P2
1111 1111
AUXR1
XXX XXX0
WDTRST
XXXX XXXX
WDTPRG
XXXX X0000
A7h
98h
SCON
XXX0 0000
SBUF
XXXX XXXX
BRL
0000 0000
BDRCON
XXX0 0000
9Fh
90h
P1
XX11 1111
SIOCON
00XX 0000
CKRL
XXXX 111X
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
00XX XX00
CKCON0
X0X0 X000
8Fh
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
20
PCON
00XX XX00
87h
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
SCRS Bit (SCSR.0)
(*)
0SFR value
1SFR value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com