Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C24B-PRTIL Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT83C24B-PRTIL
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B-PRTIL Datasheet(HTML) 5 Page - ATMEL Corporation

  AT83C24B-PRTIL Datasheet HTML 1Page - ATMEL Corporation AT83C24B-PRTIL Datasheet HTML 2Page - ATMEL Corporation AT83C24B-PRTIL Datasheet HTML 3Page - ATMEL Corporation AT83C24B-PRTIL Datasheet HTML 4Page - ATMEL Corporation AT83C24B-PRTIL Datasheet HTML 5Page - ATMEL Corporation AT83C24B-PRTIL Datasheet HTML 6Page - ATMEL Corporation AT83C24B-PRTIL Datasheet HTML 7Page - ATMEL Corporation AT83C24B-PRTIL Datasheet HTML 8Page - ATMEL Corporation AT83C24B-PRTIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
4234F–SCR–10/05
AT83C24
Note:
ESD Test conditions: 3 positive and 3 negative pulses on each pin versus GND. Pulses generated
according to Mil/STD 883 Class3. Recommended capacitors soldered on CVCC and VCC pins.
CVCC
8 kV+
PWR
Card Supply Voltage
CVCC is the programmable voltage output for the Card interface.
It must be connected to external decoupling capacitors (see page 34 and page 36).
CVCCin
8 kV+
PWR
Card Supply Voltage
This pin must be connected to CVCC.
DVCC
3 kV+
PWR
Digital Supply Voltage
Is internally generated and used to supply the digital core.
This pin has to be connected to an external capacitor of 100 nF and should not be
connected to other devices.
EVCC
3 kV+
PWR
Extra Supply Voltage (Microcontroller power supply)
EVCC is used to supply the internal level shifters of host interface pins.
EVCC voltage can be supplied from the external EVCC pin connected to the host power
supply.
If EVCC cannot be connected to the host power supply, it must be tied to an external
capacitor. EVCC voltage can be generated internally by an automatic follow up of the
logic high level on the I/O pin. In this configuration, connect a 100 nF + 100kOhms in
parallel between EVCC pin and VSS pin.
CVSS
8 kV+
GND
DC/DC Ground
CVSS is used to sink high shunt currents from the external coil.
VSS
GND
Ground
Table 1. Ports Description (Continued)
Pad Name
Pad Internal
Power Supply
ESD
Limits
Pad
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com