Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C24B-PRTIM Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT83C24B-PRTIM
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B-PRTIM Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT83C24B-PRTIM Datasheet HTML 20Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 21Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 22Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 23Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 24Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 25Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 26Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 27Page - ATMEL Corporation AT83C24B-PRTIM Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
24
4234F–SCR–10/05
AT83C24
Table 10. CONFIG4 (Config Byte 4)
7
6
5
4
3
2
1
0
X
X
X
STEPREG
INT_PULLUP
POWERMON
IT_SEL
CRST_SEL
Bit Number
Bit Mnemonic
Description
7-5
X-X-X
These bits should not be set.
4
STEPREG
Step Regulator mode
Clear this bit to enable the automatic step-up converter (CVCC is stable even if VCC is not higher than CVCC).
Set this bit to permanently disable the step-up converter (CVCC is stable only if VCC is sufficiently higher than
CVCC).
This bit must be set before activating the DC/DC converter if no external coil is present.
The reset value is 0.
This bit must always be set if no external coil is used
3
INT_PULLUP
Internal pull-up
Set this bit to activate the internal pull-up (connected internally to EVCC) on PRES/INT pin.
Clear this bit to deactivate the internal pull-up.
PRES/INT is an open drain output with a programmable internal pull up.
The reset value is 0.
2
POWERMON
Power monitor
Set this bit to monitor any glitch on the Digital Supply Voltage (DVCC) of the AT83C24.
Clear this bit to monitor any glitch on VCC.
The reset value is 0.
1
IT_SEL
Interrupt Select
Set this bit to disable INSERT and VCARD_INT interrupts. Then PRES/INT is pulled up when a card is present
and no error is detected.
Clear this bit to have all the interrupt sources enabled and active Low.
IT_SEL must be set to enable a hardware activation with CMDVCC.
The reset value is 0.
0
CRST_SEL
Card Reset Selection
Set this bit to have the CRST pin driven by hardware through the A1 pin (only with hardware activation).
Clear this bit to have the CRST pin driven by software through the CARDRST bit.
CRST_SEL must be set when CMDVCC is used (hardware activation).
The reset value is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com