Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW29EB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BYW29EB
Description  Rectifier diodes ultrafast, rugged
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYW29EB Datasheet(HTML) 6 Page - NXP Semiconductors

  BYW29EB Datasheet HTML 1Page - NXP Semiconductors BYW29EB Datasheet HTML 2Page - NXP Semiconductors BYW29EB Datasheet HTML 3Page - NXP Semiconductors BYW29EB Datasheet HTML 4Page - NXP Semiconductors BYW29EB Datasheet HTML 5Page - NXP Semiconductors BYW29EB Datasheet HTML 6Page - NXP Semiconductors BYW29EB Datasheet HTML 7Page - NXP Semiconductors BYW29EB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYW29EB, BYW29ED series
ultrafast, rugged
MECHANICAL DATA
Dimensions in mm
Net Mass: 1.1 g
Fig.14. SOT428 : centre pin connected to tab.
MOUNTING INSTRUCTIONS
Dimensions in mm
Fig.15. SOT428 : minimum pad sizes for surface mounting.
Notes
1. Plastic meets UL94 V0 at 1/8".
6.22 max
2.38 max
0.93 max
6.73 max
0.3
10.4 max
0.5
0.8 max
(x2)
2.285 (x2)
0.5
seating plane
1.1
0.5 min
5.4
4 min
4.6
1
2
3
tab
7.0
7.0
2.15
2.5
4.57
1.5
November 1998
6
Rev 1.300



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com