Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H48SV3R310 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # H48SV3R310
Description  Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SV3R310 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  H48SV3R310 Datasheet HTML 1Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 2Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 3Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 4Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 5Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 6Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 7Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 8Page - Delta Electronics, Inc. H48SV3R310 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Delphi Series H48SV, 150W Half Brick Family
DC/DC Power Modules: 48V in, 3.3V/10A out
The Delphi Series H48SV Half Brick, 48V input, single output, isolated
DC/DC converters are the latest offering from a world leader in power
systems technology and manufacturing ― Delta Electronics, Inc. This
product family provides up to 150 watts of power or 40A of output
current (3.3V model) in an industry standard footprint. This product
family comes with standard positive trimming method and utilizes
standard trim value. It also comes with output trimming range between
+10% to – 20%.
All models are fully protected from abnormal
input/output voltage, current, and temperature conditions. The Delphi
Series converters meet all safety requirements with basic insulation.
OPTIONS
Positive Remote On/Off logic
Short pin lengths available
APPLICATIONS
Telecom/Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Testing Equipment
FEATURES
High Efficiency: 89.5% @ 3.3V/10A
Size: 61.0x57.9x12.7mm (2.40”×2.28”×0.50”)
Standard footprint
Industry standard pin out
Fixed frequency operation
Metal baseplate
Input UVLO, Output OCP, OVP, OTP
Basic insulation
No minimum load required
2:1 Input voltage range
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
DATASHEET
DS_H48SV3R310_08152006


Similar Part No. - H48SV3R310

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
Standard footprint
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 15P
Delphi Series H48SA, Half Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
Delphi Series H48SA, Half Brick Family DC/DC Power Modules
H48SA12025NNFH DELTA-H48SA12025NNFH Datasheet
508Kb / 14P
Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results

Similar Description - H48SV3R310

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
382Kb / 13P
Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules: 48V in, 28V/16A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA48003PNH DELTA-H48SA48003PNH Datasheet
523Kb / 13P
Delphi Series H48SA, 150W Half Brick Family DC/DC Power Modules: 36~75V in, 48V/3.2A out
H48SA53010NNFA DELTA-H48SA53010NNFA Datasheet
1Mb / 13P
Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
H48SC3R325PSFA DELTA-H48SC3R325PSFA Datasheet
400Kb / 12P
Delphi Series H48SC3R325, 85W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/25A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com