Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS325US Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS325US
Description  Dual SPST Analog Switch, Low Voltage, Single Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS325US Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS325US Datasheet HTML 1Page - ON Semiconductor NLAS325US Datasheet HTML 2Page - ON Semiconductor NLAS325US Datasheet HTML 3Page - ON Semiconductor NLAS325US Datasheet HTML 4Page - ON Semiconductor NLAS325US Datasheet HTML 5Page - ON Semiconductor NLAS325US Datasheet HTML 6Page - ON Semiconductor NLAS325US Datasheet HTML 7Page - ON Semiconductor NLAS325US Datasheet HTML 8Page - ON Semiconductor NLAS325US Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NLAS325
http://onsemi.com
3
DC CHARACTERISTICS − Digital Section (Voltages Referenced to GND)
Guaranteed Limit
Symbol
Parameter
Condition
VCC
*555C to 255C
t855C t1255C Unit
VIH
Minimum High−Level Input
Voltage, Select Inputs
2.0
2.5
3.0
4.5
5.5
1.5
1.9
2.1
3.15
3.85
1.5
1.9
2.1
3.15
3.85
1.5
1.9
2.1
3.15
3.85
V
VIL
Maximum Low−Level Input
Voltage, Select Inputs
2.0
2.5
3.0
4.5
5.5
0.5
0.6
0.9
1.35
1.65
0.5
0.6
0.9
1.35
1.65
0.5
0.6
0.9
1.35
1.65
V
IIN
Maximum Input Leakage
Current, Select Inputs
VIN = 5.5 V or GND
0 V to 5.5 V
$0.2
$2.0
$2.0
mA
ICC
Maximum Quiescent Supply
Current
Select and VIS = VCC or GND
5.5
4.0
4.0
8.0
mA
DC ELECTRICAL CHARACTERISTICS − Analog Section
Guaranteed Limit
Symbol
Parameter
Condition
VCC
*555C to 255C
t855C t1255C Unit
RON
Maximum “ON” Resistance
(Figures 16 − 22)
VIN = VIL or VIH
VIS = GND to VCC
IINI v 10 mA
2.5
3.0
4.5
5.5
85
45
30
25
95
50
35
30
105
55
40
35
W
RFLAT(ON)
ON Resistance Flatness
(Figures 16 − 22)
VIN = VIL or VIH
IINI v 10 mA
VIS = 1.0 V, 2.0 V, 3.5 V
4.5
4.0
4.0
5.0
W
INC(OFF)
INO(OFF)
NO or NC Off Leakage
Current (Figure 8)
VIN = VIL or VIH
VNO or VNC = 1.0 VCOM 4.5 V
5.5
1.0
10
100
nA
ICOM(ON)
COM ON Leakage Current
(Figure 8)
VIN = VIL or VIH
VNO 1.0 V or 4.5 V with VNC floating or
VNO 1.0 V or 4.5 V with VNO floating
VCOM = 1.0 V or 4.5 V
5.5
1.0
10
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com