Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS1053 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS1053
Description  2:1 Mux/Demux Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS1053 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS1053 Datasheet HTML 1Page - ON Semiconductor NLAS1053 Datasheet HTML 2Page - ON Semiconductor NLAS1053 Datasheet HTML 3Page - ON Semiconductor NLAS1053 Datasheet HTML 4Page - ON Semiconductor NLAS1053 Datasheet HTML 5Page - ON Semiconductor NLAS1053 Datasheet HTML 6Page - ON Semiconductor NLAS1053 Datasheet HTML 7Page - ON Semiconductor NLAS1053 Datasheet HTML 8Page - ON Semiconductor NLAS1053 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 2
1
Publication Order Number:
NLAS1053/D
NLAS1053
2:1 Mux/Demux Analog
Switches
The NLAS1053 is an advanced CMOS analog switch fabricated
with silicon gate CMOS technology. It achieves very high speed
propagation delays and low ON resistances while maintaining CMOS
low power dissipation. The device consists of a single 2:1
Mux/Demux (SPDT), similar to ON Semiconductor’s NLAS4053
analog and digital voltages that may vary across the full power supply
range (from VCC to GND).
The inhibit and select input pins have over voltage protection that
allows voltages above VCC up to 7.0 V to be present without damage
or disruption of operation of the part, regardless of the operating
voltage.
Features
• High Speed: tPD = 1 ns (Typ) at VCC = 5.0 V
• Low Power Dissipation: ICC = 2 mA (Max) at TA = 25°C
• High Bandwidth, Improved Linearity, and Low RDSON
• INH Pin Allows a Both Channels ‘OFF’ Condition (With a High)
• RDSON ≅ 25 W, Performance Very Similar to the NLAS4053
• Break Before Make Circuitry, Prevents Inadvertent Shorts
• Useful For Switching Video Frequencies Beyond 50 MHz
• Latchup Performance Exceeds 300 mA
• ESD Performance: HBM > 2000 V; MM > 200 V, CDM > 1500 V
• Tiny US8 Package, Only 2.1 X 3.0 mm
• Pb−Free Package is Available
FUNCTION TABLE
H
L
L
INH
CH0
INH
8
1
2
3
7
6 CH1
Select
GND
N/C
Figure 1. Pin Assignment
X
L
H
Select
OFF
Ch 0
OFF
OFF
Ch 1
4
5
VCC
COM
ON
OFF
ON
MARKING DIAGRAMS
US8
US SUFFIX
CASE 493−01
AC
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
8
AC M
G
G
*Date Code orientation may vary depending
upon manufacturing location.
http://onsemi.com
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Device
Package
Shipping†
ORDERING INFORMATION
NLAS1053US
US8
3000 / Tape & Reel
NLAS1053USG
US8
(Pb−Free)
3000 / Tape & Reel


Similar Part No. - NLAS1053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053 Datasheet
123Kb / 12P
2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053 ONSEMI-NLAS1053 Datasheet
113Kb / 10P
2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
NLAS1053US ONSEMI-NLAS1053US Datasheet
123Kb / 12P
2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053USG ONSEMI-NLAS1053USG Datasheet
113Kb / 10P
2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
NLAS1053 ONSEMI-NLAS1053_15 Datasheet
113Kb / 10P
2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
More results

Similar Description - NLAS1053

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053 Datasheet
123Kb / 12P
2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
logo
Pericom Semiconductor C...
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
Quad 2:1 MUX/DEMUX BusSwitch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
Quad 2 1 Mux/DeMux BusSwitch
logo
ON Semiconductor
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
Mux / Demux Analog Switch
December, 2015 ??Rev. 1
NLAS1053 ONSEMI-NLAS1053_15 Datasheet
113Kb / 10P
2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
Mux / Demux Analog Switch
December, 2018- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com