Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSF308 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSF308
Description  Quad 2?묲nput AND Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF308 Datasheet(HTML) 1 Page - ON Semiconductor

  NLSF308 Datasheet HTML 1Page - ON Semiconductor NLSF308 Datasheet HTML 2Page - ON Semiconductor NLSF308 Datasheet HTML 3Page - ON Semiconductor NLSF308 Datasheet HTML 4Page - ON Semiconductor NLSF308 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 4
1
Publication Order Number:
NLSF308/D
NLSF308
Quad 2−Input AND Gate
The NLSF308 is an advanced high speed CMOS 2−input AND gate
fabricated with silicon gate CMOS technology. It achieves high speed
operation similar to equivalent Bipolar Schottky TTL while
maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V
systems to 3.0 V systems.
Features
High Speed: tPD = 4.3 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 2.0 mA (Max) at TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Designed for 2.0 V to 5.5 V Operating Range
Low Noise: VOLP = 0.8 V (Max)
Function Compatible with Other Standard Logic Families
QFN−16 Package
Latchup Performance Exceeds 300 mA
ESD Performance: Human Body Model; > 2000 V;
Machine Model; > 200 V
Chip Complexity: 24 FETs or 6 Equivalent Gates
Pb−Free Package is Available*
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
L
L
L
H
Y
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NLSF308MNR2
QFN−16
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NLSF308MNR2G
QFN−16
(Pb−Free)
3000 / Tape & Reel
NLSF308 = Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
QFN−16
MN SUFFIX
CASE 485G
16
NLSF
308
ALYW
G
G
1
1


Similar Part No. - NLSF308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF302 ONSEMI-NLSF302 Datasheet
68Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
NLSF302 ONSEMI-NLSF302 Datasheet
64Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
NLSF302MNR2 ONSEMI-NLSF302MNR2 Datasheet
68Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
NLSF302MNR2 ONSEMI-NLSF302MNR2 Datasheet
64Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
More results

Similar Description - NLSF308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
MC74AC08 ONSEMI-MC74AC08_06 Datasheet
140Kb / 9P
Quad 2?묲nput AND Gate
October, 2006 ??Rev. 8
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com