Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP112 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP112
Description  Plastic Medium-Power Complementary Silicon Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP112 Datasheet(HTML) 4 Page - ON Semiconductor

  TIP112 Datasheet HTML 1Page - ON Semiconductor TIP112 Datasheet HTML 2Page - ON Semiconductor TIP112 Datasheet HTML 3Page - ON Semiconductor TIP112 Datasheet HTML 4Page - ON Semiconductor TIP112 Datasheet HTML 5Page - ON Semiconductor TIP112 Datasheet HTML 6Page - ON Semiconductor TIP112 Datasheet HTML 7Page - ON Semiconductor TIP112 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TIP110, TIP111, TIP112 (NPN); TIP115, TIP116, TIP117 (PNP)
http://onsemi.com
4
Figure 2. Switching Times Test Circuit
4.0
0.04
Figure 3. Switching Times
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.8
0.2
0.06
0.1
0.2
0.4
0.6
1.0
2.0
4.0
0.6
PNP
NPN
tf
tr
ts
td @ VBE(off) = 0
V2
approx
+8.0 V
V1
approx
−12 V
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25
ms
0
RB
51
D1
+4.0 V
VCC
−30 V
RC
TUT
≈ 8.0 k
≈ 60
SCOPE
for td and tr, D1 is disconnected
and V2 = 0, RB and RC are varied
to obtain desired test currents.
For NPN test circuit, reverse diode,
polarities and input pulses.
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
VCC = 30 V
IC/IB = 250
0.4
IB1 = IB2
TJ = 25°C
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1.0 k
500
ZqJC(t) = r(t) RqJC
RqJC = 2.5°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com