Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP147 Datasheet(PDF) 3 Page - ON Semiconductor

Part # TIP147
Description  Darlington Complementary Silicon Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP147 Datasheet(HTML) 3 Page - ON Semiconductor

  TIP147 Datasheet HTML 1Page - ON Semiconductor TIP147 Datasheet HTML 2Page - ON Semiconductor TIP147 Datasheet HTML 3Page - ON Semiconductor TIP147 Datasheet HTML 4Page - ON Semiconductor TIP147 Datasheet HTML 5Page - ON Semiconductor TIP147 Datasheet HTML 6Page - ON Semiconductor TIP147 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIP140, TIP141, TIP142, (NPN); TIP145, TIP146, TIP147, (PNP)
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 30 mA, IB = 0)
TIP140, TIP145
TIP141, TIP146
TIP142, TIP147
VCEO(sus)
60
80
100
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
TIP140, TIP145
(VCE = 40 Vdc, IB = 0)
TIP141, TIP146
(VCE = 50 Vdc, IB = 0)
TIP142, TIP147
ICEO
2.0
2.0
2.0
mA
Collector Cutoff Current
(VCB = 60 V, IE = 0)
TIP140, TIP145
(VCB = 80 V, IE = 0)
TIP141, TIP146
(VCB = 100 V, IE = 0)
TIP142, TIP147
ICBO
1.0
1.0
1.0
mA
Emitter Cutoff Current (VBE = 5.0 V)
IEBO
2 0
mA
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 5.0 A, VCE = 4.0 V)
(IC = 10 A, VCE = 4.0 V)
hFE
1000
500
Collector−Emitter Saturation Voltage
(IC = 5.0 A, IB = 10 mA)
(IC = 10 A, IB = 40 mA)
VCE(sat)
2.0
3.0
Vdc
Base−Emitter Saturation Voltage
(IC = 10 A, IB = 40 mA)
VBE(sat)
3.5
Vdc
Base−Emitter On Voltage
(IC = 10 A, VCE = 4.0 Vdc)
VBE(on)
3.0
Vdc
SWITCHING CHARACTERISTICS
Resistive Load (See Figure 1)
Delay Time
(VCC = 30 V, IC = 5.0 A,
IB = 20 mA, Duty Cycle v 2.0%,
IB1 = IB2, RC & RB Varied, TJ = 25_C)
td
0.15
ms
Rise Time
tr
0.55
ms
Storage Time
ts
2.5
ms
Fall Time
tf
2.5
ms
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.
Figure 1. Switching Times Test Circuit
10
0.2
Figure 2. Switching Times
IC, COLLECTOR CURRENT (AMP)
5.0
2.0
0.5
0.1
0.5
1.0
3.0
5.0
10
20
0.2
PNP
NPN
tf
tr
ts
td @ VBE(off) = 0
V2
approx
+12 V
V1
appox.
−8.0 V
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25
ms
0
RB
51
D1
+4.0 V
VCC
−30 V
RC
TUT
≈ 8.0 k
≈ 40
SCOPE
for td and tr, D1 is disconnected
and V2 = 0
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
For NPN test circuit reverse diode and voltage polarities.
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com