Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E111A/L Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E111A/L
Description  5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E111A/L Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E111A/L Datasheet HTML 1Page - Micrel Semiconductor SY10E111A/L Datasheet HTML 2Page - Micrel Semiconductor SY10E111A/L Datasheet HTML 3Page - Micrel Semiconductor SY10E111A/L Datasheet HTML 4Page - Micrel Semiconductor SY10E111A/L Datasheet HTML 5Page - Micrel Semiconductor SY10E111A/L Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Precison Edge®
SY10E111A/L
SY100E111A/L
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
V
OH
Output HIGH Voltage
mV
10EL
–1080
—–890
–1020
—–840
–980
—–810
–910
—–720
100EL
–1085
—–880
–1025
—–880
–1025
—–880
–1025
—–880
V
OL
Output LOW Voltage
mV
10EL
–1950
—–1650 –1950
—–1630 –1950
—–1630 –1950
—–1595
100EL
–1830
—–1550 –1810
—–1620 –1810
—–1620 –1810
—–1620
V
IH
Input HIGH Voltage
mV
10EL
–1230
—–890
–1170
—–840
–1130
—–810
–1060
—–720
100EL
–1165
—–880
–1165
—–880
–1165
—–880
–1165
—–880
V
IL
Input LOW Voltage
mV
10EL
–1950
—–1500 –1950
—–1480 –1950
—–1480 –1950
—–1445
100EL
–1810
—–1475 –1810
—–1475 –1810
—–1475 –1810
—–1475
V
BB
Output Reference
V
Voltage
10EL
–1.43
—–1.30
–1.38
—–1.27
–1.35
—–1.25
–1.31
—–1.19
100EL
–1.38
—–1.26
–1.38
—–1.26
–1.38
—–1.26
–1.38
—–1.26
I
IH
Input HIGH Current
——
150
——
150
——
150
——
150
µA
I
IL
Input LOW Current
µA
10EL
0.5
——
0.5
——
0.5
——
0.3
——
100EL
0.5
——
0.5
——
0.5
——
0.5
——
I
EE
Power Supply Current
mA
10EL
35
—
65
35
—
65
35
—
65
35
—
65
100EL
35
—
65
35
—
65
35
—
65
35
—
75
Note 1.
Parametric values specified at:
5 volt Power Supply Range
100E111A Series:
-4.2V to -5.5V.
10E111A Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100E111L Series:
-3.0V to -3.8V.
VEE = VEE (Min.) to VEE (Max.); VCC = GND
ECL DC ELECTRICAL CHARACTERISTICS(1)
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage (VEE = 0)
+6.0 to 0
V
VEE
Power Supply Voltage (VCC = 0)
–6.0 to 0
V
VIN
Input Voltage (VCC = 0V, VIN not more negative than VEE)
–6.0 to 0
V
Input Voltage (VEE = 0V, VIN not more positive than VCC)
+6.0 to 0
V
IOUT
Output Current
–Continuous
50
mA
–Surge
100
TLEAD
Lead Storage Temperature Range (soldering, 20sec.)
+260
°C
TA
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–65 to +150
°C
θ
JA
Thermal Resistance (Junction-to-Ambient)
–Still Air
79
°C/W
θ
JC
Thermal Resistance (Junction-to-Case)
24
°C/W
ESD
Mil Std. 883 Human Body Model, All Pins
>1.5k
V
Note 1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com