Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E141JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E141JC
Description  8-BIT SHIFT REGISTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E141JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E141JC Datasheet HTML 1Page - Micrel Semiconductor SY10E141JC Datasheet HTML 2Page - Micrel Semiconductor SY10E141JC Datasheet HTML 3Page - Micrel Semiconductor SY10E141JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E141
SY100E141
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
131
157
—
131
157
—
131
157
100E
—
131
157
—
131
157
—
151
181
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
fSHIFT
Max. Shift Frequency
700
900
—
700
900
—
700
900
—
MHz
—
tPD
Propagation Delay to Output
ps
—
CLK
625
750
975
625
750
975
625
750
975
MR
600
725
975
600
725
975
600
725
975
tS
Set-up Time
ps
—
D
175
25
—
175
25
—
175
25
—
SEL0
350
200
—
350
200
—
350
200
—
SEL1
300
150
—
300
150
—
300
150
—
tH
Hold Time
ps
—
D
200
–25
—
200
–25
—
200
–25
—
SEL0
100
–200
—
100
–200
—
100
–200
—
SEL1
100
–150
—
100
–150
—
100
–150
—
tRR
Reset Recovery Time
900
700
—
900
700
—
900
700
—
ps
—
tPW
Minimum Pulse Width
400
——
400
——
400
——
ps
—
CLK, MR
tskew
Within-Device Skew
—
60
——
60
——
60
—
ps
1
tr
Rise/Fall Time
300
525
800
300
525
800
300
525
800
ps
—
tf
20% to 80%
Note:
1. Within-device skew is defined as identical transitions on similar paths through a device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com