Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CLP Datasheet(PDF) 13 Page - ON Semiconductor

Part # TL431CLP
Description  Programmable Precision References
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431CLP Datasheet(HTML) 13 Page - ON Semiconductor

Back Button TL431CLP Datasheet HTML 9Page - ON Semiconductor TL431CLP Datasheet HTML 10Page - ON Semiconductor TL431CLP Datasheet HTML 11Page - ON Semiconductor TL431CLP Datasheet HTML 12Page - ON Semiconductor TL431CLP Datasheet HTML 13Page - ON Semiconductor TL431CLP Datasheet HTML 14Page - ON Semiconductor TL431CLP Datasheet HTML 15Page - ON Semiconductor TL431CLP Datasheet HTML 16Page - ON Semiconductor TL431CLP Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TL431, A, B Series, NCV431A, B
http://onsemi.com
13
ORDERING INFORMATION
Device
Operating Temperature Range
Package Code
Shipping Information†
Tolerance
TL431ACD
0
°C to 70°C
SOIC−8
98 Units / Rail
1.0%
TL431ACDG
SOIC−8
(Pb−Free)
TL431BCD
SOIC−8
0.4%
TL431BCDG
SOIC−8
(Pb−Free)
TL431CD
SOIC−8
2.2%
TL431CDG
SOIC−8
(Pb−Free)
2.2%
TL431ACDR2
SOIC−8
2500 Units / Tape & Reel
1.0%
TL431ACDR2G
SOIC−8
(Pb−Free)
TL431BCDR2
SOIC−8
0.4%
TL431BCDR2G
SOIC−8
(Pb−Free)
TL431CDR2
SOIC−8
2.2%
TL431CDR2G
SOIC−8
(Pb−Free)
TL431ACDMR2
Micro8
4000 Units / Tape & Reel
1.0%
TL431ACDMR2G
Micro8
(Pb−Free)
1.0%
TL431BCDMR2
Micro8
0.4%
TL431BCDMR2G
Micro8
(Pb−Free)
TL431CDMR2
Micro8
2.2%
TL431CDMR2G
Micro8
(Pb−Free)
TL431ACP
PDIP−8
50 Units / Rail
1.0%
TL431ACPG
PDIP−8
(Pb−Free)
1.0%
TL431BCP
PDIP−8
0.4%
TL431BCPG
PDIP−8
(Pb−Free)
0.4%
TL431CP
PDIP−8
2.2%
TL431CPG
PDIP−8
(Pb−Free)
TL431ACLP
TO−92 (TO−226)
2000 Units / Bag
1.0%
TL431ACLPG
TO−92 (TO−226)
(Pb−Free)
TL431BCLP
TO−92 (TO−226)
0.4%
TL431BCLPG
TO−92 (TO−226)
(Pb−Free)
TL431CLP
TO−92 (TO−226)
2.2%
TL431CLPG
TO−92 (TO−226)
(Pb−Free)
TL431ACLPRA
TO−92 (TO−226)
2000 Units / Tape & Reel
1.0%
TL431ACLPRAG
TO−92 (TO−226)
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com