Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51AC3-SLSIM Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT89C51AC3-SLSIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-SLSIM Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT89C51AC3-SLSIM Datasheet HTML 43Page - ATMEL Corporation AT89C51AC3-SLSIM Datasheet HTML 44Page - ATMEL Corporation AT89C51AC3-SLSIM Datasheet HTML 45Page - ATMEL Corporation AT89C51AC3-SLSIM Datasheet HTML 46Page - ATMEL Corporation AT89C51AC3-SLSIM Datasheet HTML 47Page - ATMEL Corporation AT89C51AC3-SLSIM Datasheet HTML 48Page - ATMEL Corporation AT89C51AC3-SLSIM Datasheet HTML 49Page - ATMEL Corporation AT89C51AC3-SLSIM Datasheet HTML 50Page - ATMEL Corporation AT89C51AC3-SLSIM Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 143 page
background image
47
AT89C51AC3
4383B–8051–01/05
order. The page address of the last address loaded in the column latches will be used
for the whole page.
When programming is launched, an automatic erase of the locations loaded in the col-
umn latches is first performed, then programming is effectively done. Thus no page or
block erase is needed and only the loaded data are programmed in the corresponding
page
Notes: 1. : If no bytes are written in the column latches the SEQERR bit in the FSTA register
will be set.
2. When a flash write sequence is in progress (FBUSY is set) a write sequence to the
column latches will be ignored and the content of the column latches at the time of
the launch write sequence will be preserved.
3. MOVX @DPTR, A instruction must be used to load the column latches. Never use
MOVX @Ri, A instructions.
4. When a programming sequence is launched, Flash bytes corresponding to activated
bytes in the column latches are first erased then the bytes in the column latches are
copied into the Flash bytes. Flash bytes corresponding to bytes in the column latches
not activated (not loaded during the load column latches sequence) will not be erased
and written.
The following procedure is used to load the column latches and is summarized in
Figure 25:
•
Save and Disable interrupt and map the column latch space by setting FPS bit.
•
Load the DPTR with the address to load.
•
Load Accumulator register with the data to load.
•
Execute the MOVX @DPTR, A instruction.
•
If needed loop the three last instructions until the page is completely loaded.
•
unmap the column latch.
•
Restore Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com