Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51AC3 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89C51AC3
Description  Microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C51AC3 Datasheet HTML 9Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 10Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 11Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 12Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 13Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 14Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 15Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 16Page - ATMEL Corporation AT89C51AC3 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
4386A–8051–10/04
Example
Program Configuration
Information
The flow described below allows the user to program Configuration Information regard-
ing the bootloader functionality.
The Boot Process Configuration:
BSB
SBV
Fuse bits (BLJB and X2 bits) (see Section “Mapping and Default Value of Hardware
Security Byte”)
SSB
EB
Requests from Host
Note:
1. The field “Load Offset” is not used
2. To program the BLJB and X2 bit the “bit value” is 00h or 01h.
Answers from Bootloader
The bootloader answers with:
•
‘.’ & ‘CR’ & ’LF’ when the value is programmed
•
‘X’ & ‘CR’ & ‘LF’ if the checksum is wrong
•
‘P’ & ‘CR’ & ‘LF’ if the Security is set
HOST
: 05 0000 04 0000 0020 00 D7
BOOTLOADER
: 05 0000 04 0000 0020 00 D7
BOOTLOADER
0000=-----data------ CR LF
(16 data)
BOOTLOADER
0010=-----data------ CR LF
(16 data)
BOOTLOADER
0020=data CR LF
( 1 data)
Display data from address 0000h to 0020h
Command Name
Record
Type
Load
Offset
Record
Length
Data[0]
Data[1]
Data[2]
Erase SBV & BSB
03h
x
02h
04h
00h
-
Program SSB level1
02h
05h
00h
-
Program SSB level2
01h
-
Program BSB
03h
06h
00h
value
Program SBV
01h
Program EB
06h
Program bit BLJB
03h
0Ah
04h
bit value
Program bit X2
08h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com