Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC259 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC259
Description  High-Speed CMOS Logic 8-Bit Addressable Latch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC259 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC259 Datasheet HTML 1Page - Texas Instruments CD54HC259 Datasheet HTML 2Page - Texas Instruments CD54HC259 Datasheet HTML 3Page - Texas Instruments CD54HC259 Datasheet HTML 4Page - Texas Instruments CD54HC259 Datasheet HTML 5Page - Texas Instruments CD54HC259 Datasheet HTML 6Page - Texas Instruments CD54HC259 Datasheet HTML 7Page - Texas Instruments CD54HC259 Datasheet HTML 8Page - Texas Instruments CD54HC259 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
MR
tWL
2
70
-
-
90
-
-
105
-
-
ns
4.5
14
-
-
18
-
-
21
-
-
ns
612
-
-
15
-
-
18
-
-
ns
Setup Time
tSU
D to LE
A to LE
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
Hold Time
tH
D to LE
A to LE
20
-
-
0
-
-
0
-
-
ns
4.5
0
-
-
0
-
-
0
-
-
ns
60
-
-
0
-
-
0
-
-
ns
HCT TYPES
Pulse Width
LE
MR
tWL
4.5
18
-
-
23
-
-
27
-
-
ns
Setup Time
D to LE
A to LE
tSU
4.5
17
-
-
21
-
-
26
-
-
ns
Hold Time
D to LE
A to LE
tH
4.5
0
-
-
0
-
-
0
-
-
ns
Prerequisite for Switching Specifications (Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Switching Specifications CL = 50pF, Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPHL
CL = 50pF
D to Q
2
-
-
185
-
230
-
280
ns
4.5
-
-
37
-
46
-
56
ns
CL = 15pF
5
-
15
-
-
-
-
-
ns
CL = 50pF
6
-
-
31
-
39
-
48
ns
LE to Q
tPHL
CL = 50pF
2
-
-
170
-
215
-
255
ns
4.5
-
-
34
-
43
-
51
ns
CL = 15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
29
-
37
-
43
ns
CD54HC259, CD74HC259, CD54HCT259, CD74HCT259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com