Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538QTR Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST7538QTR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538QTR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST7538QTR Datasheet HTML 36Page - STMicroelectronics ST7538QTR Datasheet HTML 37Page - STMicroelectronics ST7538QTR Datasheet HTML 38Page - STMicroelectronics ST7538QTR Datasheet HTML 39Page - STMicroelectronics ST7538QTR Datasheet HTML 40Page - STMicroelectronics ST7538QTR Datasheet HTML 41Page - STMicroelectronics ST7538QTR Datasheet HTML 42Page - STMicroelectronics ST7538QTR Datasheet HTML 43Page - STMicroelectronics ST7538QTR Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Package mechanical data
ST7538Q
42/44
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Best thermal performance is achieved when slug is soldered to PCB.
It is recommended to have five solder dots (See Figure 27) without resist to connect the
Copper slug to the ground layer on the soldering side. Moreover it is recommitted to connect
the ground layer on the soldering side to another ground layer on the opposite side with 15
to 20 vias.
It is suggested to not use the PCB surface below the slug area to interconnect any pin
except ground pins.
Figure 26. ST7538Q slug drawing
Figure 27. Soldering information
Copper Slug
Solder plated
Lead frame
0.10mm ±0.05
D03IN1414
L
L1
L
A
B
L1
Solder dots
Cu plate
D03IN1413
Package Sizes
10x10x1.4mm
A
2.00 mm
B
1.00 mm
L
6.00 mm
L1 (Copper plate)
10.00 mm
If PCB with ground layer, connect
copper plate with 15 to 20 vias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com