Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2801-PLQ Datasheet(PDF) 21 Page - ATMEL Corporation

Part # T2801-PLQ
Description  DECT Single-Chip Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2801-PLQ Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button T2801-PLQ Datasheet HTML 17Page - ATMEL Corporation T2801-PLQ Datasheet HTML 18Page - ATMEL Corporation T2801-PLQ Datasheet HTML 19Page - ATMEL Corporation T2801-PLQ Datasheet HTML 20Page - ATMEL Corporation T2801-PLQ Datasheet HTML 21Page - ATMEL Corporation T2801-PLQ Datasheet HTML 22Page - ATMEL Corporation T2801-PLQ Datasheet HTML 23Page - ATMEL Corporation T2801-PLQ Datasheet HTML 24Page - ATMEL Corporation T2801-PLQ Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
4567B–DECT–03/06
T2801
6.6
VCO_DAC Adjustment
Note:
Used to pretune the VCO frequency in case of production tolerances of the device. Tuning voltage
in locked condition should be around 1.8V at room temperature. This gives margin for ambient
temperature changes
6.7
CPCS Adjustment
Note:
Used to adjust the charge pump current. This can be used to compensate the change of the tun-
ing sensitivity over frequency and device tolerances
Table 6-8.
With bit D3 - D5
Pretune DAYC Voltage
D5
D4
D3
f
VCO/%
00
0
-5
00
1
...
01
0
...
01
1
...
10
0
...
10
1
...
11
0
...
11
15
Table 6-9.
With bit D0 - D2
CPCS (Charge-pump Current Settings)
D2
D1
D0
CPCS
00
0
–4
00
1
–3
01
0
–2
01
1
–1
10
0
0
10
1
1
11
0
2
11
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com