Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6830 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 3Page - ATMEL Corporation ATA6830 Datasheet HTML 4Page - ATMEL Corporation ATA6830 Datasheet HTML 5Page - ATMEL Corporation ATA6830 Datasheet HTML 6Page - ATMEL Corporation ATA6830 Datasheet HTML 7Page - ATMEL Corporation ATA6830 Datasheet HTML 8Page - ATMEL Corporation ATA6830 Datasheet HTML 9Page - ATMEL Corporation ATA6830 Datasheet HTML 10Page - ATMEL Corporation ATA6830 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
4575D–BCD–09/05
ATA6830
Figure 3-4.
Synchronization Sequence
Between two commands a pause has to be included. This is necessary for a clear recognition of
a new message frame (command). Figure 3-5 shows the timing diagram of two commands.
Figure 3-5.
Message Frame and Space
Every command consists of 16 bits. They will be sent with two bytes. Figure 3-6 shows the mes-
sage frame. The high byte is sent first, immediately followed by the low byte. Every byte starts
with a start bit and ends with a parity bit and a stop bit. The first start bit (level 0) after a pause
(level 1) indicates the beginning of a new message frame. The value of the parity bit has to be
odd, i.e., the crossfooting of the byte including the parity bit is odd. If a data packet is not recog-
nized due to a transmission error (parity error), the entire command is rejected.
Figure 3-6.
Command Bits
START
BIT
STOP
BIT
PARITY
BIT
PARITY
BIT
STOP
BIT
START
BIT
SYNCHRONIZATION PATTERN
MESSAGE FRAME
HIGH BYTE
LOW BYTE
SPACE
7
HIGH BYTE
START
BIT
STOP
BIT
6
5
4
3
2
1
0
PARITY
BIT
8 DATA
BITS
7
6
5
4
3
2
1
0
PARITY
BIT
8 DATA
BITS
LOW BYTE
STOP
BIT
START
BIT
MESSAGE FRAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com