Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3940KLP Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A3940KLP
Description  FULL-BRIDGE POWER MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3940KLP Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A3940KLP Datasheet HTML 4Page - Allegro MicroSystems A3940KLP Datasheet HTML 5Page - Allegro MicroSystems A3940KLP Datasheet HTML 6Page - Allegro MicroSystems A3940KLP Datasheet HTML 7Page - Allegro MicroSystems A3940KLP Datasheet HTML 8Page - Allegro MicroSystems A3940KLP Datasheet HTML 9Page - Allegro MicroSystems A3940KLP Datasheet HTML 10Page - Allegro MicroSystems A3940KLP Datasheet HTML 11Page - Allegro MicroSystems A3940KLP Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3940
FULL-BRIDGE POWER
MOSFET CONTROLLER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
10
Functional Description (cont’d)
Control Logic
PHASE ENABLE MODE SR
GLA
GLB GHA GHB SA SB
Mode of Operation
0
1
X
X
1
0
0
1
Lo
Hi
Reverse
0
0
0
1
0
1
1
0
Hi
Lo
Fast decay, SR enabled
0
0
1
1
1
1
0
0
Lo
Lo
Slow decay, braking mode
0
0
0
0
0
0
0
0
Z
Z
Fast decay, coast
0
0
1
0
1
0
0
0
Lo
Z
Slow decay, SR disabled
1
1
X
X
0
1
1
0
Hi
Lo
Forward
1
0
0
1
1
0
0
1
Lo
Hi
Fast decay, SR enabled
1
0
1
1
1
1
0
0
Lo
Lo
Slow decay, braking mode
1
0
0
0
0
0
0
0
Z
Z
Fast decay, coast
1
0
1
0
0
1
0
0
Z
Lo
Slow decay, SR disabled
NOTES: All faults will coast the motor, i.e., GHA = GHB = GLA = GLB = 0 to switch off all bridge MOSFETs.
X = Indicates a “don’t care”.
Z = Indicates a high-impedance state.
Fault Responses
Fault Mode
RESET FAULT CP Reg.
VREG13
VREG5
GHx
GLx
No Fault
1
0
ON
ON
ON
–
–
Short-to-Battery"#
1
1
ON
ON
ON
0
0
Short-to-Ground"$
1
1
ON
ON
ON
0
0
Open Bridge (V
DRAIN)"%
1
1
ON
ON
ON
0
0
V
REG13 Undervoltage
1
1
ON
ON&
ON
0'
0'
V
BB Overvoltage
1
1
ON
ON
ON
0
0
V
BB Undervoltage
1
1
OFF
OFF
ON&
0'
0'
Thermal Shutdown
1
1
OFF
OFF
ON&
0'
0'
Sleep
0
1
OFF
OFF
OFF
Z
Z
NOTES:
" = These faults are latched but will clear during RESET = 0 pulse. GHx = GLx = 0 during RESET = 0, except see '.
Other faults will not clear except when their cause is removed.
# = Short-to-battery can only be detected when the corresponding GLx = 1.
$ = Short-to-ground can only be detected when the corresponding GHx = 1.
% = Bridge fault appears as a short-to-ground fault on all motor phases.
& = Not instructed off but may be low voltage because of the fault indicated.
' = During undervoltage conditions, the low sides of GHx and GLx are instructed to be “on” so that the outputs are
low = 0; however, with V
REG13 < 4 V, the outputs will start to open (become high impedance). See “Sleep Mode”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com