Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JD119B Datasheet(PDF) 2 Page - Router-switch Ltd.

Part # JD119B
Description  HP X120 1G SFP LC LX Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROUTER-SWITCH [Router-switch Ltd.]
Direct Link  https://www.router-switch.com/
Logo ROUTER-SWITCH - Router-switch Ltd.

JD119B Datasheet(HTML) 2 Page - Router-switch Ltd.

  JD119B Datasheet HTML 1Page - Router-switch Ltd. JD119B Datasheet HTML 2Page - Router-switch Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
200+
Countries we Sold
18,000+
Customers Trusted
$
20,000,000
Inventory Available
50%-98%
Off Global List Price
100%
Safe Online Shopping
Cable type
Either single mode or multimode
Fiber type
Both
Power consumption typical
0.8 W
Power consumption maximum
1.0 W
Dimensions
2.17(d) x 0.6(w) x 0.46(h) in. (5.51 x 1.52 x 1.17 cm)
Weight
0.04 lb.
Want to Buy
Order Now
Get a Quote
Why Router-switch.com
As a leading network hardware supplier, Router-switch.com focuses on original new ICT equipment of Cisco, Huawei, HPE,
Dell, Hikvision, Juniper, Fortinet, etc.
Contact Us
● Tel: +1-626-655-0998 (USA) +852-3050-1066 / +852-3174-6166
● Fax: +852-3050-1066 (Hong Kong)
● Email: sales@router-switch.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com