Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JL680A Datasheet(PDF) 2 Page - Router-switch Ltd.

Part # JL680A
Description  JL683A is an Aruba Instant On 1930 24G Class4 PoE 4SFP/SFP 195W Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROUTER-SWITCH [Router-switch Ltd.]
Direct Link  https://www.router-switch.com/
Logo ROUTER-SWITCH - Router-switch Ltd.

JL680A Datasheet(HTML) 2 Page - Router-switch Ltd.

  JL680A Datasheet HTML 1Page - Router-switch Ltd. JL680A Datasheet HTML 2Page - Router-switch Ltd. JL680A Datasheet HTML 3Page - Router-switch Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JL680A
Aruba Instant On 1930 8G 2SFP Switch
8
2 SFP
–
JL681A
Aruba Instant On 1930 8G Class4 PoE 2SFP
124W Switch
8
2 SFP
124W
JL682A
Aruba Instant On 1930 24G 4SFP/SFP+ Switch
24
4 SFP/SFP+
–
JL683A
Aruba Instant On 1930 24G Class4 PoE
4SFP/SFP+ 195W Switch
24
4 SFP/SFP+
195W
JL684A
Aruba Instant On 1930 24G Class4 PoE
4SFP/SFP+ 370W Switch
24
4 SFP/SFP+
370W
JL685A
Aruba Instant On 1930 48G 4SFP/SFP+ Switch
48
4 SFP/SFP+
–
JL686A
Aruba Instant On 1930 48G Class4 PoE
4SFP/SFP+ 370W Switch
48
4 SFP/SFP+
370W
Get More Information
Do you have any question about the JL683A?
Contact us now via Live Chat or sales@router-switch.com.
Specification
JL683A Specification
I/O ports and slots
24 RJ-45 autosensing 10/100/1000 Class 4 PoE ports (IEEE 802.3 Type 10BASE-T, IEEE 802.3u Type 100BASE-TX, IEEE 802.3ab
Type 1000BASE-T);
Duplex: 10BASE-T/100BASE-TX: half or full; 1000BASE-T: full only
4 SFP+ 1/10GbE ports
Dimension
17.42(w) x 10.42(d) x 1.73(h) in (44.25 x 26.47 x 4.39 cm) (1U height)
Processor and
memory
ARM Cortex-A9 @ 800 MHz, 512 MB SDRAM, 256 MB flash; packet buffer: 1.5 MB
Throughput (Mpps)
95.23 Mpps
Switching capacity
128 Gbps
Operating
temperature
32°F to 104°F (0°C to 40°C)
Operating relative
humidity
15% to 95% @ 104°F (40°C)
Nonoperating/Storage
temperature
-40°F to 158°F (-40°C to 70°C)
Nonoperating/Storage
relative humidity
15% to 95% @ 140°F (60°C)
Altitude
up to 10,000 ft (3 km)
Idle power
19.3 W
PoE
195 W Class 4 PoE
Power Supply
Internal power supply
Want to Buy



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com