Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10H607 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10H607
Description  REGISTERED HEX PECL-TO-TTL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H607 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10H607 Datasheet HTML 1Page - Micrel Semiconductor SY10H607 Datasheet HTML 2Page - Micrel Semiconductor SY10H607 Datasheet HTML 3Page - Micrel Semiconductor SY10H607 Datasheet HTML 4Page - Micrel Semiconductor SY10H607 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY10H607
SY100H607
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
10H/100H TTL DC ELECTRICAL CHARACTERISTICS(1)
TA= 0
°CTA= +25°CTA= + 85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VOH
Output HIGH Voltage
2.5
—
2.5
—
2.5
—
VIOH = –15mA
2.0
—
2.0
—
2.0
—
IOH = –24mA
VOL
Output LOW Voltage
—
0.55
—
0.55
—
0.55
V
IOL = 48mA
VCCT = VCCE = 5.0V
±5%
Note:
1. DC levels such as VOH, VOL, etc., are standard for PECL and FAST devices, with the exceptions of: IOL =48mA at 0.5 VOL; and IOH = 24mA at 2.0 VOH.
TA= 0
°CTA= +25°CTA= + 85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
tPD
Propagation Delay
ns
CL = 50 pF
to Output
CLK to Q
——
6.0
——
6.0
——
6.0
MR to Q
——
6.0
——
6.0
——
6.0
tskpp
Part-to-Part Skew(1,4)
——
0.5
——
0.5
——
0.5
ns
CL = 50pF
tskew++
Within-Device Skew(2,4)
——
0.3
——
0.3
——
0.3
ns
CL = 50pF
tskew– –
Within-Device Skew(3,4)
——
0.3
——
0.3
——
0.3
ns
CL = 50pF
tS
Set-up Time
0.200
——
0.200
——
0.200
——
ns
tH
Hold Time
0.500
——
0.500
——
0.500
——
ns
tPW
Minimum Pulse Width
ns
CLK, MR
1.0
——
1.0
——
1.0
——
VPP
Minimum Input Swing
200
150
—
200
150
—
200
150
—
mV
tr
Rise/Fall Time
——
1.5
——
1.5
——
1.5
ns
CL = 50pF
tf
1.0V to 2.0V
fMAX
Max. Input Frequency(5,6)
160
——
160
——
160
——
MHz
AC ELECTRICAL CHARACTERISTICS(1)
VCCT = VCCE = 5.0V
±5%
Notes:
1. Device-to-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
2. Within-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
3. Within-Device Skew considering LOW-to-LOW transitions at common VCC level.
4. All skew parameters are guaranteed but not tested.
5. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing.
6. The fMAX value is specified as the minimum guaranteed maximum frequency. Actual operational maximum frequency may be greater.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com